Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML2724 Fiches technique(PDF) 10 Page - Micro Linear Corporation

No de pièce ML2724
Description  2.4GHz Low-IF 1.5Mbps FSK Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRO-LINEAR [Micro Linear Corporation]
Site Internet  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2724 Fiches technique(HTML) 10 Page - Micro Linear Corporation

Back Button ML2724 Datasheet HTML 6Page - Micro Linear Corporation ML2724 Datasheet HTML 7Page - Micro Linear Corporation ML2724 Datasheet HTML 8Page - Micro Linear Corporation ML2724 Datasheet HTML 9Page - Micro Linear Corporation ML2724 Datasheet HTML 10Page - Micro Linear Corporation ML2724 Datasheet HTML 11Page - Micro Linear Corporation ML2724 Datasheet HTML 12Page - Micro Linear Corporation ML2724 Datasheet HTML 13Page - Micro Linear Corporation ML2724 Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ML2724
DS2724-F-03
FINAL DATASHEET
DECEMBER 2005 10
MODE CONTROL AND INTERFACE LINES
1
XCEN
I (CMOS)
Enables the bandgap reference and
voltage regulators when high. Consumes
only leakage current in STANDBY mode
when low. This is a CMOS input, and the
thresholds are referenced to VDD and
VSS.
2
RXON
I (CMOS)
TX/RX Control Input. Switches the
transceiver between TRANSMIT and
RECEIVE modes. Circuits are powered
up and signal paths reconfigured
according to the operating mode. This is
a CMOS input, and the thresholds are
referenced to VDD and VSS.
1
VSS
XCEN
VDD
RXON
DIN
2
30
31
8
3
PAON
O (CMOS)
PA Control Output. Enables the off-chip
PA at the correct times in a Transmit slot.
Goes high when transmit RF is present
at TXO; goes low
5μs before transmit RF
is removed from TXO. Has interlock logic
to shut down the PA if the PLL does not
lock.
31
VSS
VDD
3
PAON
8
9
FREF
I
Input for the 12.288MHz or 6.144MHz
reference frequency. This input is used
as the reference frequency for the PLL
and as a calibration frequency for the on-
chip filters. An AC-coupled sine or
square wave source drives this self-
biased input.
9
VSS
FREF
VCCA
24
8
40k
40k
11
QPO
O
Charge Pump Output of the phase
detector. This is connected to the
external PLL loop filter.
10
VSS
RVPLL
11 QPO
8


Numéro de pièce similaire - ML2724

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML2724DH MICRO-LINEAR-ML2724DH Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

Description similaire - ML2724

FabricantNo de pièceFiches techniqueDescription
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
   2.4GHz FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com