Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA07 Fiches technique(PDF) 5 Page - Cirrus Logic

No de pièce SA07
Description  Pulse Width Modulation Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA07 Fiches technique(HTML) 5 Page - Cirrus Logic

  SA07 Datasheet HTML 1Page - Cirrus Logic SA07 Datasheet HTML 2Page - Cirrus Logic SA07 Datasheet HTML 3Page - Cirrus Logic SA07 Datasheet HTML 4Page - Cirrus Logic SA07 Datasheet HTML 5Page - Cirrus Logic SA07 Datasheet HTML 6Page - Cirrus Logic SA07 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA07
SA07U

GENERAL
Please read Application Note 30 on "PWM Basics". Refer to Application
Note 1 "General Operating Considerations" for helpful information regard-
ing power supplies, heat sinking and mounting. Visit www.apexmicrotech.
com for design tools that help automate pwm filter design and heat sink
selection. The "Application Notes" and "Technical Seminar" sections con-
tain a wealth of information on specific types of applications. Information
on package outlines, heat sinks, mounting hardware and other accessories
are located in the "Packages and Accessories" section. Evaluation Kits are
available for most Apex product models, consult the "Evaluation Kit" section
for details. For the most current version of all Apex product data sheets, visit
www.apexmicrotech.com.
CLOCK CIRCUIT AND RAMP GENERATOR
The clock frequency is internally set to a frequency of approximately 1MHz.
The CLK OUT pin will normally be tied to the CLK IN pin. The clock is divided by two and applied to an RC network
which produces a ramp signal at the RAMP pin. An external clock signal can be applied to the CLK IN pin for syn-
chronization purposes. If a clock frequency lower than 1MHz is chosen an external capacitor must be tied to the
RAMP pin. This capacitor, which parallels an internal capacitor, must be selected so that the ramp oscillates 2.5
volts p-p with the lower peak 1.25 volts above ground.
BYPASSING
Adequate bypassing of the power supplies is required for proper operation. Failure to do so can cause erratic and
low efficiency operation as well as excessive ringing at the outputs. The Vs supply should be bypassed with at least
a 1µF ceramic capacitor in parallel with another low ESR capacitor of at least 10µF per amp of output current. Ca-
pacitor types rated for switching applications are the only types that should be considered. The bypass capacitors
must be physically connected directly to the power supply pins. Even one inch of lead length will cause excessive
ringing at the outputs. This is due to the very fast switching times and the inductance of the lead connection. The
bypassing requirements of the V
CC supply are less stringent, but still necessary. A 0.1µF to 0.47µF ceramic capacitor
connected directly to the V
CC pin will suffice.
NOISEFILTERING
Switching noise can enter the SA07 through the INT OUT to +PWM connection. A wise precaution is to low pass
filter this connection. Adjust the pass band of the filter to 10 times the bandwidth required by the application. Keep
the resistor value to 100 ohms or less since this resistor becomes part of the hysteresis circuit on the pwm com-
parator.
PCB LAYOUT
The designer needs to appreciate that the SA07 combines in one circuit both high speed high power switching and
low level analog signals. Certain layout rules of thumb must be considered when a circuit board layout is designed
using the SA07:
1. Bypassing of the power supplies is critical. Capacitors must be connected directly to the power supply pins with
very short lead lengths (well under 1 inch). Ceramic chip capacitors are best.
2. Make all ground connections with a star pattern at pin 7.
3. Beware of capacitive coupling between output connections and signal inputs through the parasitic capacitance
between layers in multilayer PCB designs.
4. Do not run small signal traces between the pins of the output section (pins 11-16).
5. Do not allow high currents to flow into the ground plane.
6. Separate switching and analog grounds and connect the two only at pin 7 as part of the star pattern.


Numéro de pièce similaire - SA07

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
SA07 MITSUBISHI-SA07 Datasheet
64Kb / 4P
   THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
logo
Cirrus Logic
SA07 APEX-SA07 Datasheet
276Kb / 5P
   PULSE WIDTH MODULATION AMPLIFIERS
logo
Bothhand USA, LP.
SA0705 BOTHHAND-SA0705 Datasheet
6Mb / 8P
   6-15 Watt Switching Adapter
SA0706 BOTHHAND-SA0706 Datasheet
6Mb / 8P
   6-15 Watt Switching Adapter
SA0707 BOTHHAND-SA0707 Datasheet
6Mb / 8P
   6-15 Watt Switching Adapter
More results

Description similaire - SA07

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
SA08 APEX-SA08 Datasheet
239Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIERS
MSA240 CIRRUS-MSA240 Datasheet
214Kb / 5P
   Pulse Width Modulation Amplifiers
SA09 CIRRUS-SA09 Datasheet
521Kb / 7P
   Pulse Width Modulation Amplifiers
SA12 CIRRUS-SA12 Datasheet
201Kb / 5P
   Pulse Width Modulation Amplifiers
SA07 APEX-SA07 Datasheet
276Kb / 5P
   PULSE WIDTH MODULATION AMPLIFIERS
SA08 CIRRUS-SA08 Datasheet
201Kb / 5P
   Pulse Width Modulation Amplifiers
SA08 APEX-SA08_06 Datasheet
239Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIERS
SA12 APEX-SA12_07 Datasheet
268Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIERS
SA12 APEX-SA12 Datasheet
244Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIERS
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
   Pulse Width Modulation
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com