Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AT89C2051-24SU Datasheet(Fiches technique) 17 Page - ATMEL Corporation

Numéro de pièce AT89C2051-24SU
Description  8-bit Microcontroller with 2K Bytes Flash
Télécharger  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051-24SU Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT89C2051-24SU Datenblatt HTML 11Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 12Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 13Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 14Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 15Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 16Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 17Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 18Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
0368H–MICRO–6/08
AT89C2051
28. Package Information
28.1
20P3 – PDIP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
20P3, 20-lead (0.300"/7.62 mm Wide) Plastic Dual
Inline Package (PDIP)
D
20P3
1/23/04
PIN
1
E1
A1
B
E
B1
C
L
SEATING PLANE
A
D
e
eB
eC
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
5.334
A1
0.381
D
24.892
26.924
Note 2
E
7.620
8.255
E1
6.096
7.112
Note 2
B
0.356
0.559
B1
1.270
1.551
L
2.921
3.810
C
0.203
0.356
eB
10.922
eC
0.000
1.524
e
2.540 TYP
Notes:
1. This package conforms to JEDEC reference MS-001, Variation AD.
2. Dimensions D and E1 do not include mold Flash or Protrusion.
Mold Flash or Protrusion shall not exceed 0.25 mm (0.010").


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn