Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AT89C2051-24SU Datasheet(Fiches technique) 14 Page - ATMEL Corporation

Numéro de pièce AT89C2051-24SU
Description  8-bit Microcontroller with 2K Bytes Flash
Télécharger  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051-24SU Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89C2051-24SU Datenblatt HTML 10Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 11Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 12Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 13Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 14Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 15Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 16Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 17Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
0368H–MICRO–6/08
AT89C2051
21. Shift Register Mode Timing Waveforms
22. AC Testing Input/Output Waveforms(1)
Note:
1. AC Inputs during testing are driven at VCC - 0.5V for a logic 1 and 0.45V for a logic 0. Timing measurements are made at VIH
min. for a logic 1 and V
IL max. for a logic 0.
23. Float Waveforms
(1)
Note:
1. For timing purposes, a port pin is no longer floating when a 100 mV change from load voltage occurs. A port pin begins to
float when 100 mV change from the loaded VOH/VOL level occurs.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn