Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AT89C2051-24SU Datasheet(Fiches technique) 13 Page - ATMEL Corporation

Numéro de pièce AT89C2051-24SU
Description  8-bit Microcontroller with 2K Bytes Flash
Télécharger  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051-24SU Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89C2051-24SU Datenblatt HTML 9Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 10Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 11Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 12Page - ATMEL Corporation AT89C2051-24SU Datasheet HTML 13Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 14Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 15Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 16Page - ATMEL Corporation AT89C2051-24SU Datenblatt HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
0368H–MICRO–6/08
AT89C2051
18. External Clock Drive Waveforms
()
19. External Clock Drive
Symbol
Parameter
VCC = 2.7V to 6.0V
VCC = 4.0V to 6.0V
Units
Min
Max
Min
Max
1/t
CLCL
Oscillator Frequency
0
12
0
24
MHz
tCLCL
Clock Period
83.3
41.6
ns
tCHCX
High Time
30
15
ns
t
CLCX
Low Time
30
15
ns
tCLCH
Rise Time
20
20
ns
t
CHCL
Fall Time
20
20
ns
20. Serial Port Timing: Shift Register Mode Test Conditions
V
CC = 5.0V ± 20%; Load Capacitance = 80 pF
Symbol
Parameter
12 MHz Osc
Variable Oscillator
Units
Min
Max
Min
Max
tXLXL
Serial Port Clock Cycle Time
1.0
12 tCLCL
µs
t
QVXH
Output Data Setup to Clock Rising Edge
700
10 t
CLCL-133
ns
t
XHQX
Output Data Hold after Clock Rising Edge
50
2 t
CLCL-117
ns
tXHDX
Input Data Hold after Clock Rising Edge
0
0
ns
t
XHDV
Clock Rising Edge to Input Data Valid
700
10 t
CLCL-133
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn