Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8422-DNZR Fiches technique(PDF) 10 Page - Cirrus Logic

No de pièce CS8422-DNZR
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-DNZR Fiches technique(HTML) 10 Page - Cirrus Logic

Back Button CS8422-DNZR Datasheet HTML 6Page - Cirrus Logic CS8422-DNZR Datasheet HTML 7Page - Cirrus Logic CS8422-DNZR Datasheet HTML 8Page - Cirrus Logic CS8422-DNZR Datasheet HTML 9Page - Cirrus Logic CS8422-DNZR Datasheet HTML 10Page - Cirrus Logic CS8422-DNZR Datasheet HTML 11Page - Cirrus Logic CS8422-DNZR Datasheet HTML 12Page - Cirrus Logic CS8422-DNZR Datasheet HTML 13Page - Cirrus Logic CS8422-DNZR Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
10
DS692PP1
CS8422
XTI
11
Crystal/Oscillator In (Input) - Crystal or digital clock input for Master clock. See “SRC Master
Clock” on page 38 for more details.
XTO
12
Crystal Out (Output) - Crystal output for Master clock. See “SRC Master Clock” on page 38 for
more details.
ILRCK
13
Serial Audio Input Left/Right Clock (Input/Output) - Word rate clock for the audio data on the
SDIN pin.
ISCLK
14
Serial Audio Input Bit Clock (Input/Output) - Serial bit clock for audio data on the SDIN pin.
SDIN
15
Serial Audio Input Data Port (Input) - Audio data serial input pin.
GPO[3:0]
16
17
18
30
General Purpose Outputs (Output) - See page 50 for details. In I²C Mode, a 20 k
Ω pull-up resistor
to VL on GPO2 will set AD2 chip address bit to 1, otherwise AD2 will be 0.
V_REG
19
Voltage Regulator In (Input) - Regulator power supply input, nominally +3.3 V.
VD_FILT
20
Digital Voltage Regulator (Output) - Digital core voltage regulator output. Should be connected to
digital ground through a 10 µF capacitor. Typically +2.5 V. Cannot be used as an external voltage
source.
DGND
21
Digital & I/O Ground (Input) - Ground for the I/O and core logic. AGND and DGND should be con-
nected to a common ground area under the chip.
VL
22
Logic Power (Input) - Input/Output power supply, typically +1.8 V, +2.5 V, +3.3 V, or +5.0 V.
SDOUT2
23
Serial Audio Output 2 Data Port (Output) - Audio data serial output 2 pin.
OSCLK2
24
Serial Audio Output 2 Bit Clock (Input/Output) - Serial bit clock for audio data on the SDOUT2
pin.
OLRCK2
25
Serial Audio Output 2 Left/Right Clock (Input/Output) - Word rate clock for the audio data on the
SDOUT2 pin.
TDM_IN
26
Serial Audio Output 1 TDM Input (Input) - Time Division Multiplexing serial audio data input.
Should remain grounded when not used. See “Time Division Multiplexing (TDM) Mode” on
page 27.
SDOUT1
27
Serial Audio Output 1 Data Port (Output) - Audio data serial output 1 pin.
OSCLK1
28
Serial Audio Output 1 Bit Clock (Input/Output) - Serial bit clock for audio data on the SDOUT 1
pin.
OLRCK1
29
Serial Audio Output 1 Left/Right Clock (Input/Output) - Word rate clock for the audio data on the
SDOUT 1 pin.
RMCK
31
Recovered Master Clock (Output) - Recovered master clock from the PLL. Frequency is 128x,
192x, 256x, 384x, 512x, 768x, or 1024x Fs, where Fs is the sample rate of the incoming AES3-
compatible data, or ISCLK/64.
RST
32
Reset (Input) - When RST is low the CS8422 enters a low power mode and all internal states are
reset. On initial power up RST must be held low until the power supply is stable and all input clocks
are stable in frequency and phase.
THERMAL PAD
-
Thermal Pad - Thermal relief pad. Should be connected to the ground plane for optimized heat dis-
sipation.
Pin Name
Pin #
Pin Description


Numéro de pièce similaire - CS8422-DNZR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS8422-DNZR CIRRUS-CS8422-DNZR Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422-DNZR CIRRUS-CS8422-DNZR Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
More results

Description similaire - CS8422-DNZR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com