Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5467-ISZ Fiches technique(PDF) 5 Page - Cirrus Logic

No de pièce CS5467-ISZ
Description  Four-channel Power / Energy IC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467-ISZ Fiches technique(HTML) 5 Page - Cirrus Logic

  CS5467-ISZ Datasheet HTML 1Page - Cirrus Logic CS5467-ISZ Datasheet HTML 2Page - Cirrus Logic CS5467-ISZ Datasheet HTML 3Page - Cirrus Logic CS5467-ISZ Datasheet HTML 4Page - Cirrus Logic CS5467-ISZ Datasheet HTML 5Page - Cirrus Logic CS5467-ISZ Datasheet HTML 6Page - Cirrus Logic CS5467-ISZ Datasheet HTML 7Page - Cirrus Logic CS5467-ISZ Datasheet HTML 8Page - Cirrus Logic CS5467-ISZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
CS5467
DS714F1
5
1. OVERVIEW
The CS5467 is a CMOS power measurement integrated circuit utilizing four
∆Σ analog-to-digital convert-
ers to measure two line voltages and two currents. Optionally, voltage2 channel can be used for temper-
ature measurement. It calculates active, reactive, and apparent power as well as RMS and peak voltage
and current. It handles other system-related functions, such as pulse output conversion, voltage sag, cur-
rent fault, voltage zero crossing, line frequency, and voltage tamper correction.
The CS5467 is optimized to interface to current transformers or shunt resistors for current measurement,
and to resistive dividers or voltage transformers for voltage measurement. Two full-scale ranges are pro-
vided on the current inputs to accommodate both types of current sensors. The CS5467’s four differential
inputs have a common-mode input range from analog ground (AGND) to the positive analog supply
(VA+).
An additional analog input (PFMON) is provided to allow the application to determine when a power failure
is in progress. By monitoring the unregulated power supply, the application can take any required action
when a power loss occurs.
An on-chip voltage reference (nominally 2.5 volts) is generated and provided at analog output, VREFOUT.
This reference can be supplied to the chip by connecting it to the reference voltage input, VREFIN. Alter-
natively, an external voltage reference can be supplied to the reference input.
Three digital outputs (E1, E2, E3) provide a variety of output signals and, depending on the mode select-
ed, provide energy pulses, power failure indication, or other choices.
The CS5467 includes a three-wire serial host interface to an external microcontroller or serial E2PROM.
Signals include serial data input (SDI), serial data output (SDO), serial clock (SCLK), and optionally a chip
select (CS), which allows the CS5467 to share the SDO signal with other devices. A MODE input is used
to control whether an E2PROM will be used instead of a host microcontroller.


Numéro de pièce similaire - CS5467-ISZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5467-ISZ CIRRUS-CS5467-ISZ Datasheet
746Kb / 46P
   Four-channel Power/Energy IC
CS5467-ISZ CIRRUS-CS5467-ISZ Datasheet
381Kb / 46P
   Four-channel Power/Energy IC
More results

Description similaire - CS5467-ISZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5467 CIRRUS-CS5467_11 Datasheet
381Kb / 46P
   Four-channel Power/Energy IC
CS5467 CIRRUS-CS5467 Datasheet
746Kb / 46P
   Four-channel Power/Energy IC
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
   Four Channel Energy Measurement IC
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
   Four Channel Energy Measurement IC
CS5464 CIRRUS-CS5464_07 Datasheet
867Kb / 46P
   Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464_11 Datasheet
484Kb / 46P
   Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464 Datasheet
795Kb / 46P
   Three-channel, Single-phase Power/Energy IC
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
   Four Channel Supervisory IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com