Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5378 Fiches technique(PDF) 7 Page - Cirrus Logic

No de pièce CS5378
Description  Low-power Single-channel Decimation Filter
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Fiches technique(HTML) 7 Page - Cirrus Logic

Back Button CS5378_08 Datasheet HTML 3Page - Cirrus Logic CS5378_08 Datasheet HTML 4Page - Cirrus Logic CS5378_08 Datasheet HTML 5Page - Cirrus Logic CS5378_08 Datasheet HTML 6Page - Cirrus Logic CS5378_08 Datasheet HTML 7Page - Cirrus Logic CS5378_08 Datasheet HTML 8Page - Cirrus Logic CS5378_08 Datasheet HTML 9Page - Cirrus Logic CS5378_08 Datasheet HTML 10Page - Cirrus Logic CS5378_08 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
CS5378
DS639F2
7
DC offset.
-
Calibration engine for automatic calcula-
tion of offset correction factor.
1.2 Integrated Peripheral Features
Low jitter PLL to generate local clocks.
-
1.024 MHz, 2.048 MHz, 4.096 MHz stan-
dard clock or Manchester encoded input.
Synchronous operation for simultaneous sam-
pling in multi-sensor systems.
-
MCLK / MSYNC output signals to syn-
chronize external components.
High speed serial data output.
-
Asynchronous operation to 4 MHz for di-
rect connection to system telemetry.
-
Internal 8-deep data FIFO for flexible out-
put timing.
-
Selectable 24-bit data only or 32-bit sta-
tus+data output.
Digital test bit stream signal generator suitable
for CS5373A
∆Σ test DAC.
-
Sine wave output mode for testing total har-
monic distortion.
Time break controller to record system timing
information.
-
Dedicated TB status bit in the output data
stream.
-
Programmable output delay to match sys-
tem group delay.
8 General Purpose I/O (GPIO) pins for local
hardware control.
1.3 System Level Features
Flexible configuration options.
-
Configuration 'on-the-fly' via microcontrol-
ler or system telemetry.
-
Fixed configuration via stand-alone boot
EEPROM.
Low power consumption.
-
16 mW at 500 SPS OWR.
-
100
µW standby mode.
Flexible power supply configurations.
-
Separate digital logic core, telemetry I/O,
and PLL power supplies.
-
Telemetry I/O and PLL interfaces operate
Figure 2. Digital Filtering Stages
Sinc Filter
2 - 64000
FIR1
4
FIR2
2
IIR1
IIR2
1st Order
2nd Order
Output to High Speed Serial Interface
DC Offset
Corrections
Output Word Rate from 4000 SPS ~ 1 SPS
Gain &
Modulator
512 kHz
Input


Numéro de pièce similaire - CS5378_08

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5378-IS CIRRUS-CS5378-IS Datasheet
1Mb / 86P
   Low-power Single-channel Decimation Filter
CS5378-ISZ CIRRUS-CS5378-ISZ Datasheet
1Mb / 86P
   Low-power Single-channel Decimation Filter
More results

Description similaire - CS5378_08

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5378 CIRRUS-CS5378 Datasheet
1Mb / 86P
   Low-power Single-channel Decimation Filter
CS5376A CIRRUS-CS5376A_08 Datasheet
1Mb / 106P
   Low-power, Multi-channel Decimation Filter
CS5376A CIRRUS-CS5376A_05 Datasheet
1Mb / 108P
   Low-power, Multi-channel Decimation Filter
CS5376A CIRRUS-CS5376A Datasheet
1Mb / 107P
   LOW POWER MULTI CHANNEL DECIMATION FILTER
logo
Burr-Brown (TI)
DF1750 BURR-BROWN-DF1750 Datasheet
222Kb / 13P
   Dual Channel DIGITAL DECIMATION FILTER
logo
Cirrus Logic
CRD5381 CIRRUS-CRD5381 Datasheet
978Kb / 24P
   Audio A/D Converter w/ Asynchronous Decimation Filter Reference Design
logo
New Japan Radio
NJM8190 NJRC-NJM8190 Datasheet
895Kb / 17P
   Single Channel Low power Comparator
Ver.2.0
logo
SG Micro Corp
SGM9152 SGMICRO-SGM9152 Datasheet
461Kb / 12P
   Single Channel, Video Filter
logo
Linear Technology
LTC1069-6 LINER-LTC1069-6_15 Datasheet
174Kb / 10P
   Single Supply, Very Low Power, Elliptic Lowpass Filter
LTC1069-6 LINER-LTC1069-6 Datasheet
226Kb / 8P
   Single Supply, Very Low Power, Elliptic Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com