Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4412A-CNZ Fiches technique(PDF) 7 Page - Cirrus Logic

No de pièce CS4412A-CNZ
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A-CNZ Fiches technique(HTML) 7 Page - Cirrus Logic

Back Button CS4412A-CNZ Datasheet HTML 3Page - Cirrus Logic CS4412A-CNZ Datasheet HTML 4Page - Cirrus Logic CS4412A-CNZ Datasheet HTML 5Page - Cirrus Logic CS4412A-CNZ Datasheet HTML 6Page - Cirrus Logic CS4412A-CNZ Datasheet HTML 7Page - Cirrus Logic CS4412A-CNZ Datasheet HTML 8Page - Cirrus Logic CS4412A-CNZ Datasheet HTML 9Page - Cirrus Logic CS4412A-CNZ Datasheet HTML 10Page - Cirrus Logic CS4412A-CNZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DS786A2
7
CS4412A
DC ELECTRICAL CHARACTERISTICS
GND = PGND = 0 V; All voltages with respect to ground; PWM switch rate = 384 kHz; Unless otherwise specified.
Notes:
3.
Normal operation is defined as RST12 and RST34 = HI.
4.
Power-Down Mode is defined as RST12 and RST34 = LOW with all input lines held static.
5.
Power supply current increases with increasing PWM switching rates.
DIGITAL INTERFACE SPECIFICATIONS
GND = PGND = 0 V; All voltages with respect to ground; Unless otherwise specified.
Parameters
Min
Typ
Max
Units
Normal Operation
(Notes 3, 5)
Power Supply Current
VD = 3.3 V
-
20
-
mA
Power Dissipation
VD = 3.3 V
-
66
-
mW
Power-Down Mode
(Note 4)
Power Supply Current
VD = 3 .3 V
-
2
-
mA
VD_REG Characteristics
Nominal Voltage
DC current source
2.25
-
2.5
-
2.75
3
V
mA
Parameters
Symbol
Min
Max
Units
High-Level Input Voltage
VIH
0.7*VD_REG
VD
V
Low-Level Input Voltage
VIL
-
0.20*VD_REG
V
High-Level Output Voltage
Io =2mA
VOH
0.90*VD
-
V
Input Leakage Current
Iin
-±10
µA
Input Capacitance
-
8
pF


Numéro de pièce similaire - CS4412A-CNZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4412A-CNZ CIRRUS-CS4412A-CNZ Datasheet
493Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412A-CNZR CIRRUS-CS4412A-CNZR Datasheet
493Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
More results

Description similaire - CS4412A-CNZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4412A CIRRUS-CS4412A Datasheet
493Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412 CIRRUS-CS4412 Datasheet
336Kb / 22P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CS44130 CIRRUS-CS44130 Datasheet
349Kb / 23P
   60 W Quad Half-Bridge Digital Amplifier Power Stage
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_15 Datasheet
768Kb / 25P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
   500 W FFX digital amplifier power stage
April 2014 Rev 1
logo
Texas Instruments
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com