Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4385-CQZR Fiches technique(PDF) 11 Page - Cirrus Logic

No de pièce CS4385-CQZR
Description  114 dB, 192 kHz 8-Channel D/A Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4385-CQZR Fiches technique(HTML) 11 Page - Cirrus Logic

Back Button CS4385-CQZR Datasheet HTML 7Page - Cirrus Logic CS4385-CQZR Datasheet HTML 8Page - Cirrus Logic CS4385-CQZR Datasheet HTML 9Page - Cirrus Logic CS4385-CQZR Datasheet HTML 10Page - Cirrus Logic CS4385-CQZR Datasheet HTML 11Page - Cirrus Logic CS4385-CQZR Datasheet HTML 12Page - Cirrus Logic CS4385-CQZR Datasheet HTML 13Page - Cirrus Logic CS4385-CQZR Datasheet HTML 14Page - Cirrus Logic CS4385-CQZR Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
DS671F2
11
CS4385
POWER AND THERMAL CHARACTERISTICS
Notes:
4.
Current consumption increases with increasing Fs within a given speed mode and is signal dependent.
Max values are based on highest Fs and highest MCLK.
5.
ILC measured with no external loading on the SDA pin.
6.
Power-Down Mode is defined as RST pin = Low with all clock and data lines held static.
7.
Valid with the recommended capacitor values on FILT+ and VQ as shown in Figures 7 and 8.
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation, VA= 5 V
(Note 4)
VD= 2.5 V
(Note 5) Interface current, VLC=5 V
VLS=5 V
(Note 6) power-down state (all supplies)
IA
ID
ILC
ILS
Ipd
-
-
-
-
-
84
20
2
75
200
91
25
-
-
-
mA
mA
μA
μA
μA
Power Dissipation (Note 4)
VA = 5V, VD = 2.5V
normal operation
(Note 6) power-down
-
-
470
1
520
-
mW
mW
Package Thermal Resistance
multi-layer
dual-layer
θ
JA
θ
JA
θ
JC
-
-
-
48
65
15
-
-
-
°C/Watt
°C/Watt
°C/Watt
Power Supply Rejection Ratio (Note 7)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB


Numéro de pièce similaire - CS4385-CQZR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4385-CQZ CIRRUS-CS4385-CQZ Datasheet
1Mb / 56P
   114 dB, 192kHz 8-CHANNEL D/A CONVERTER
More results

Description similaire - CS4385-CQZR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com