Moteur de recherche de fiches techniques de composants électroniques |
|
CS4382A-DQZR Fiches technique(PDF) 3 Page - Cirrus Logic |
|
CS4382A-DQZR Fiches technique(HTML) 3 Page - Cirrus Logic |
3 / 50 page DS618F1 3 CS4382A 6.2.1 Digital Interface Format (DIF) ................................................................................................ 34 6.3 Mode Control 3 (Address 03h) ....................................................................................................... 35 6.3.1 Soft Ramp and Zero Cross Control (SZC) ............................................................................ 35 6.3.2 Single Volume Control (SNGLVOL) ...................................................................................... 36 6.3.3 Soft Volume Ramp-Up After Error (RMP_UP) ...................................................................... 36 6.3.4 Mutec Polarity (MUTEC+/-) ................................................................................................... 36 6.3.5 Auto-Mute (AMUTE) .............................................................................................................. 36 6.3.6 Mutec Pin Control (MUTEC) .................................................................................................. 37 6.4 Filter Control (Address 04h) ........................................................................................................... 37 6.4.1 Interpolation Filter Select (FILT_SEL) ...................................................................................37 6.4.2 De-Emphasis Control (DEM) ................................................................................................. 37 6.4.3 Soft Ramp-Down Before Filter Mode Change (RMP_DN) .................................................... 37 6.5 Invert Control (Address 05h) .......................................................................................................... 38 6.5.1 Invert Signal Polarity (Inv_Xx) ............................................................................................... 38 6.6 Mixing Control Pair 1 (Channels A1 & B1)(Address 06h) Mixing Control Pair 2 (Channels A2 & B2)(Address 09h) Mixing Control Pair 3 (Channels A3 & B3)(Address 0Ch) Mixing Control Pair 4 (Channels A4 & B4)(Address 0Fh) .................................................................... 38 6.6.1 Channel A Volume = Channel B Volume (A=B) .................................................................... 38 6.6.2 ATAPI Channel Mixing and Muting (ATAPI) .......................................................................... 39 6.6.3 Functional Mode (FM) ........................................................................................................... 40 6.7 Volume Control (Addresses 07h, 08h, 0Ah, 0Bh, 0Dh, 0Eh) ........................................................ 40 6.7.1 Mute (MUTE) ......................................................................................................................... 40 6.7.2 Volume Control (XX_VOL) .................................................................................................... 41 6.8 Chip Revision (Address 12h) ......................................................................................................... 41 6.8.1 Part Number ID (PART) [Read Only] .................................................................................... 41 6.8.2 Revision ID (REV) [Read Only] ............................................................................................. 41 7. FILTER PLOTS ..................................................................................................................................... 42 8. PARAMETER DEFINITIONS ................................................................................................................ 46 9. PACKAGE DIMENSIONS .................................................................................................................... 47 10. ORDERING INFORMATION .............................................................................................................. 48 11. REFERENCES .................................................................................................................................... 48 12. REVISION HISTORY .......................................................................................................................... 49 |
Numéro de pièce similaire - CS4382A-DQZR |
|
Description similaire - CS4382A-DQZR |