Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC1401D125HL Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce DAC1401D125HL
Description  Dual 14-bit DAC, up to 125 Msps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1401D125HL Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button DAC1401D125HL Datasheet HTML 2Page - NXP Semiconductors DAC1401D125HL Datasheet HTML 3Page - NXP Semiconductors DAC1401D125HL Datasheet HTML 4Page - NXP Semiconductors DAC1401D125HL Datasheet HTML 5Page - NXP Semiconductors DAC1401D125HL Datasheet HTML 6Page - NXP Semiconductors DAC1401D125HL Datasheet HTML 7Page - NXP Semiconductors DAC1401D125HL Datasheet HTML 8Page - NXP Semiconductors DAC1401D125HL Datasheet HTML 9Page - NXP Semiconductors DAC1401D125HL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
DAC1401D125_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
6 of 25
NXP Semiconductors
DAC1401D125
Dual 14-bit DAC, up to 125 Msps
IIL
LOW-level input current
VIL = 0.9 V
-
5
-
µA
IIH
HIGH-level input current
VIH = 1.3 V
-
5
-
µA
Ci
input capacitance
[1] -5
-
pF
Analog outputs (IOUTAP, IOUTAN, IOUTBP and IOUTBN)
IO(fs)
full-scale output current
differential outputs
2
-
20
mA
VO
output voltage
compliance range
[1]
−1
-
+1.25
V
Ro
output resistance
[1] -
150
-
k
Co
output capacitance
[1] -3
-
pF
Reference voltage input/output (REFIO)
VO(ref)
reference output voltage
1.25
1.26
1.27
V
IO(ref)
reference output current
[1] -
100
-
nA
Vi
input voltage
compliance range
1.0
-
1.26
V
Ri
input resistance
-
1
-
M
Input timing see Figure 18
fs
sampling frequency
-
-
125
Msps
tw(WRT)
WRT pulse width
pins WRTA, WRTB
2
-
-
ns
tw(CLK)
CLK pulse width
pins CLKA, CLKB
2
-
-
ns
th(i)
input hold time
1
-
-
ns
tsu(i)
input set-up time
1.8
-
-
ns
Output timing (IOUTAP, IOUTAN, IOUTBP, IOUTBN)
td
delay time
1
-
ns
tt
transition time
rising or falling transition
(10%to90% or 90 %to10%)
[1] -
0.6
-
ns
ts
settling time
±1 LSB
[1] -43
-
ns
Static linearity
INL
integral non-linearity
25
°C
±1.60
±2.15
±2.90
LSB
−40 °C to +85 °C
±1.25
-
±2.95
LSB
DNL
differential non-linearity
−40 °C to +85 °C
±0.55
±0.75
±1.10
LSB
Static accuracy (relative to full-scale)
Eoffset
offset error
-0.02
-
+0.02
%
EG
gain error
with external reference
-1.9
±1.5
+2.5
%
with internal reference
-2.9
±2.1
+2.9
%
∆G
gain mismatch
between DAC A and DAC B
-0.36
±0.05
+0.36
%
Table 5.
Characteristics …continued
VDDD = VDDA = 3.3 V; AGND and DGND connected together; IO(fs) = 20 mA and Tamb = −40 °C to +85 °C; typical values
measured at Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Numéro de pièce similaire - DAC1401D125HL

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
DAC1401D125HL IDT-DAC1401D125HL Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1401D125HL RENESAS-DAC1401D125HL Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
Integrated Device Techn...
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
More results

Description similaire - DAC1401D125HL

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
Integrated Device Techn...
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
DAC1201D125 NXP-DAC1201D125 Datasheet
273Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
logo
Integrated Device Techn...
DAC1001D125 IDT-DAC1001D125 Datasheet
382Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com