Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVTH244ADB Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74LVTH244ADB
Description  3.3 V octal buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH244ADB Fiches technique(HTML) 1 Page - NXP Semiconductors

  74LVTH244ADB Datasheet HTML 1Page - NXP Semiconductors 74LVTH244ADB Datasheet HTML 2Page - NXP Semiconductors 74LVTH244ADB Datasheet HTML 3Page - NXP Semiconductors 74LVTH244ADB Datasheet HTML 4Page - NXP Semiconductors 74LVTH244ADB Datasheet HTML 5Page - NXP Semiconductors 74LVTH244ADB Datasheet HTML 6Page - NXP Semiconductors 74LVTH244ADB Datasheet HTML 7Page - NXP Semiconductors 74LVTH244ADB Datasheet HTML 8Page - NXP Semiconductors 74LVTH244ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74LVT244A; 74LVTH244A is a high-performance BiCMOS product designed for VCC
operation at 3.3 V.
This device is an octal buffer that is ideal for driving bus lines. The device features two
output enables (1OE, 2OE), each controlling four of the 3-state outputs.
2.
Features
I Octal bus interface
I 3-state buffers
I Output capability: +64 mA and −32 mA
I TTL input and output switching levels
I Input and output interface capability to systems at 5 V supply
I Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs
I Live insertion and extraction permitted
I Power-up 3-state
I No bus current loading when output is tied to 5 V bus
I Latch-up protection
N JESD78 Class II exceeds 500 mA
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
3.
Ordering information
74LVT244A; 74LVTH244A
3.3 V octal buffer/line driver; 3-state
Rev. 04 — 3 September 2008
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVT244AD
−40 °C to +85 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74LVTH244AD
74LVT244ADB
−40 °C to +85 °C
SSOP20
plastic shrink small outline package; 20 leads;
body width 5.3 mm
SOT339-1
74LVTH244ADB
74LVT244APW
−40 °C to +85 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74LVTH244APW
74LVT244ABQ
−40 °Cto+85 °C
DHVQFN20 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads;
20 terminals; body 2.5
× 4.5 × 0.85 mm
SOT764-1
74LVTH244ABQ


Numéro de pièce similaire - 74LVTH244ADB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVTH244ADB PHILIPS-74LVTH244ADB Datasheet
101Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Oct 02
More results

Description similaire - 74LVTH244ADB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVT241 PHILIPS-74LVT241_15 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT244A-Q100 NEXPERIA-74LVT244A-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
logo
NXP Semiconductors
74LVT241 NXP-74LVT241 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
74LVT_LVTH244B PHILIPS-74LVT_LVTH244B_15 Datasheet
96Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-3 March 2006
logo
Nexperia B.V. All right...
74LVTH244B NEXPERIA-74LVTH244B Datasheet
235Kb / 12P
   3.3 V octal buffer/line driver; 3-state
Rev. 6 - 12 August 2021
74LVT241 NEXPERIA-74LVT241 Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
74LVT240 NEXPERIA-74LVT240 Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com