Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVTH244A Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74LVTH244A
Description  3.3 V octal buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH244A Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74LVTH244A Datasheet HTML 2Page - NXP Semiconductors 74LVTH244A Datasheet HTML 3Page - NXP Semiconductors 74LVTH244A Datasheet HTML 4Page - NXP Semiconductors 74LVTH244A Datasheet HTML 5Page - NXP Semiconductors 74LVTH244A Datasheet HTML 6Page - NXP Semiconductors 74LVTH244A Datasheet HTML 7Page - NXP Semiconductors 74LVTH244A Datasheet HTML 8Page - NXP Semiconductors 74LVTH244A Datasheet HTML 9Page - NXP Semiconductors 74LVTH244A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74LVT_LVTH244A_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 September 2008
6 of 15
NXP Semiconductors
74LVT244A; 74LVTH244A
3.3 V octal buffer/line driver; 3-state
[1]
All typical values are at Tamb = 25 °C.
[2]
Unused pins at VCC or GND.
[3]
This is the bus hold overdrive current required to force the input to the opposite logic state.
[4]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC = 1.2 V to VCC = 3.3 V ± 0.3 V
a transition time of 100
µs is permitted. This parameter is valid for T
amb = 25 °C only.
[5]
ICC is measured with outputs pulled to VCC or GND.
[6]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
10. Dynamic characteristics
IOZ
OFF-state output current
VCC = 3.6 V; VI =VIH or VIL
VO = 3.0 V
-
1
5
µA
VO = 0.5 V
−5
−1
−µA
ICC
supply current
VCC = 3.6 V; VI = GND or VCC;
IO =0A
output HIGH
-
0.13
0.19
mA
output LOW
-
3
12
mA
outputs disabled
[5]
-
0.13
0.19
mA
∆ICC
additional supply current
per input pin; VCC = 3.0 V to 3.6 V;
one input at VCC − 0.6 V and other
inputs at VCC or GND
[6]
-
0.1
0.2
mA
CI
input capacitance
VI = 0 V or 3.0 V
-
4
-
pF
CO
output capacitance
outputs disabled; VO = 0 V or 3.0 V
-
8
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
tPLH
LOW to HIGH
propagation delay
nAn to nYn; see Figure 5
VCC = 2.7 V
-
-
5.0
ns
VCC = 3.0 V to 3.6 V
1
2.5
4.1
ns
tPHL
HIGH to LOW
propagation delay
nAn to nYn; see Figure 5
VCC = 2.7 V
-
-
5.1
ns
VCC = 3.0 V to 3.6 V
1
2.6
4.1
ns
tPZH
OFF-state to HIGH
propagation delay
see Figure 6
VCC = 2.7 V
-
-
6.3
ns
VCC = 3.0 V to 3.6 V
1
3.2
5.2
ns
tPZL
OFF-state to LOW
propagation delay
see Figure 6
VCC = 2.7 V
-
-
6.7
ns
VCC = 3.0 V to 3.6 V
1.1
3.1
5.2
ns
tPHZ
HIGH to OFF-state
propagation delay
see Figure 6
VCC = 2.7 V
-
-
6.3
ns
VCC = 3.0 V to 3.6 V
1.9
3.3
5.6
ns


Numéro de pièce similaire - 74LVTH244A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVTH244A PHILIPS-74LVTH244A Datasheet
101Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Oct 02
logo
Nexperia B.V. All right...
74LVTH244A NEXPERIA-74LVTH244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
74LVTH244A-Q100 NEXPERIA-74LVTH244A-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
74LVTH244ABQ NEXPERIA-74LVTH244ABQ Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
74LVTH244ABQ-Q100 NEXPERIA-74LVTH244ABQ-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
More results

Description similaire - 74LVTH244A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVT241 PHILIPS-74LVT241_15 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT244A-Q100 NEXPERIA-74LVT244A-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
logo
NXP Semiconductors
74LVT241 NXP-74LVT241 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
74LVT_LVTH244B PHILIPS-74LVT_LVTH244B_15 Datasheet
96Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-3 March 2006
logo
Nexperia B.V. All right...
74LVTH244B NEXPERIA-74LVTH244B Datasheet
235Kb / 12P
   3.3 V octal buffer/line driver; 3-state
Rev. 6 - 12 August 2021
74LVT241 NEXPERIA-74LVT241 Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
74LVT240 NEXPERIA-74LVT240 Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com