Moteur de recherche de fiches techniques de composants électroniques |
|
74HC02PW Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
74HC02PW Fiches technique(HTML) 3 Page - NXP Semiconductors |
3 / 15 page 74HC_HCT02_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 03 — 18 September 2008 3 of 15 NXP Semiconductors 74HC02; 74HCT02 Quad 2-input NOR gate 6. Functional description [1] H = HIGH voltage level; L = LOW voltage level; X = don’t care. 7. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] For DIP14 package: Ptot derates linearly with 12 mW/K above 70 °C. For SO14 package: Ptot derates linearly with 8 mW/K above 70 °C. For (T)SSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 °C. For DHVQFN14 packages: Ptot derates linearly with 4.5 mW/K above 60 °C. 8. Recommended operating conditions Table 3. Function table[1] Input Output nA nB nY LLH XH L HX L Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +7 V IIK input clamping current VI < −0.5 V or VI >VCC + 0.5 V [1] - ±20 mA IOK output clamping current VO < −0.5 V or VO >VCC + 0.5 V [1] - ±20 mA IO output current −0.5 V < VO < VCC + 0.5 V - ±25 mA ICC supply current - 50 mA IGND ground current −50 - mA Tstg storage temperature −65 +150 °C Ptot total power dissipation [2] DIP14 package - 750 mW SO14, (T)SSOP14 and DHVQFN14 packages - 500 mW Table 5. Recommended operating conditions Voltages are referenced to GND (ground = 0 V) Symbol Parameter Conditions 74HC02 74HCT02 Unit Min Typ Max Min Typ Max VCC supply voltage 2.0 5.0 6.0 4.5 5.0 5.5 V VI input voltage 0 - VCC 0- VCC V VO output voltage 0 - VCC 0- VCC V Tamb ambient temperature −40 - +125 −40 - +125 °C |
Numéro de pièce similaire - 74HC02PW |
|
Description similaire - 74HC02PW |