Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT4852D Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74HCT4852D
Description  Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4852D Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT4852D Datasheet HTML 7Page - NXP Semiconductors 74HCT4852D Datasheet HTML 8Page - NXP Semiconductors 74HCT4852D Datasheet HTML 9Page - NXP Semiconductors 74HCT4852D Datasheet HTML 10Page - NXP Semiconductors 74HCT4852D Datasheet HTML 11Page - NXP Semiconductors 74HCT4852D Datasheet HTML 12Page - NXP Semiconductors 74HCT4852D Datasheet HTML 13Page - NXP Semiconductors 74HCT4852D Datasheet HTML 14Page - NXP Semiconductors 74HCT4852D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
74HC_HCT4852_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 2 September 2008
11 of 20
NXP Semiconductors
74HC4852; 74HCT4852
4-channel analog MUX/DEMUX with injection-current effect control
[1]
tpd is the same as tPLH and tPHL.
[2]
ten is the same as tPZH and tPZL.
[3]
tdis is the same as tPLZ and tPHZ.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑{(CL +Csw) × VCC2 × fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑{(C
L +Csw) × VCC
2
× f
o} = sum of outputs;
CL = output load capacitance in pF;
Csw = switch capacitance in pF;
VCC = supply voltage in V.
12. Waveforms
74HCT4852
tpd
propagation delay
nZ, nYn to nYn, nZ;
see Figure 10
[1]
VCC = 4.5 V
1.6
3.5
11.5
1.1
12.5
1.1
13.5
ns
Sn to nZ, nYn;
see Figure 11
[1]
VCC = 4.5 V
3.2
7.6
13
2.3
15
1.6
17
ns
ten
enable time
E to nZ, nYn;
see Figure 12
[2]
VCC = 4.5 V
4.2
8.3
25
3.0
30
3.0
35
ns
tdis
disable time
E to nZ, nYn;
see Figure 12
[3]
VCC = 4.5 V
28.5
61.8
80
28.2
90
28.0
100
ns
CPD
power dissipation
capacitance
per channel;
see Figure 13
[4]
VCC = 5.0 V
-
47
-
-
-
-
-
pF
Table 9.
Dynamic characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for load circuit see Figure 14.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Fig 10. Input (nZ, nYn) to output (nYn, nZ) propagation delays
001aah578
VCC
nZ or nYn
input
nYn or nZ
output
tPLH
0.5VCC
0.5VCC
tPHL
GND
VCC
GND


Numéro de pièce similaire - 74HCT4852D

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HCT4852D NEXPERIA-74HCT4852D Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
74HCT4852D-Q100 NEXPERIA-74HCT4852D-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
More results

Description similaire - 74HCT4852D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852-Q1 TI1-SN74HC4852-Q1 Datasheet
319Kb / 18P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852 TI-SN74HC4852_08 Datasheet
531Kb / 20P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com