Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT4852 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74HCT4852
Description  Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4852 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT4852 Datasheet HTML 6Page - NXP Semiconductors 74HCT4852 Datasheet HTML 7Page - NXP Semiconductors 74HCT4852 Datasheet HTML 8Page - NXP Semiconductors 74HCT4852 Datasheet HTML 9Page - NXP Semiconductors 74HCT4852 Datasheet HTML 10Page - NXP Semiconductors 74HCT4852 Datasheet HTML 11Page - NXP Semiconductors 74HCT4852 Datasheet HTML 12Page - NXP Semiconductors 74HCT4852 Datasheet HTML 13Page - NXP Semiconductors 74HCT4852 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
74HC_HCT4852_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 2 September 2008
10 of 20
NXP Semiconductors
74HC4852; 74HCT4852
4-channel analog MUX/DEMUX with injection-current effect control
11. Dynamic characteristics
Table 9.
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for load circuit see Figure 14.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC4852
tpd
propagation delay
nZ, nYn to nYn, nZ;
see Figure 10
[1]
VCC = 2.0 V
2.2
9.3
33
2.2
34
2.2
35
ns
VCC = 3.0 V
2.2
4.9
16.5
1.9
18
1.9
19.5
ns
VCC = 3.3 V
2.0
4.4
15.0
1.6
16.5
1.6
18.5
ns
VCC = 4.5 V
1.6
3.2
11.6
1.1
12.5
1.1
13.5
ns
VCC = 6.0 V
1.5
2.5
10.2
0.9
11
0.9
12
ns
Sn to nZ, nYn;
see Figure 11
[1]
VCC = 2.0 V
7.7
16.8
38
6.3
40
6.3
42
ns
VCC = 3.0 V
4.9
8.8
20
3.9
21.5
3.9
23
ns
VCC = 3.3 V
4.4
7.9
17.5
3.4
19
3.4
22
ns
VCC = 4.5 V
3.2
5.8
14
2.3
15
2.3
17
ns
VCC = 6.0 V
2.4
4.8
12.6
1.6
14.5
1.6
16.5
ns
ten
enable time
E to nZ, nYn;
see Figure 12
[2]
VCC = 2.0 V
10.5
20.5
47.5
8.5
52.5
8.5
57.5
ns
VCC = 3.0 V
6.2
10.6
45
5.2
50
5.2
55
ns
VCC = 3.3 V
5.6
9.4
42.5
4.6
47.5
4.6
52.5
ns
VCC = 4.5 V
4.2
6.9
40
3
45
3
50
ns
VCC = 6.0 V
3.2
5.6
39
2.2
40
2.2
40
ns
tdis
disable time
E to nZ, nYn;
see Figure 12
[3]
VCC = 2.0 V
39.5
75.4
100
39.3
105
39
115
ns
VCC = 3.0 V
35.2
69.5
90
35.5
100
35
110
ns
VCC = 3.3 V
34.6
68.1
85
34.6
95
34.5
105
ns
VCC = 4.5 V
28.5
63
80
28.2
90
28
100
ns
VCC = 6.0 V
14.4
57.9
78
13.5
80
13.0
80
ns
CPD
power dissipation
capacitance
per channel;
see Figure 13
[4]
VCC = 3.3 V
-
42
-
-
-
-
-
pF
VCC = 5.0 V
-
47
-
-
-
-
-
pF


Numéro de pièce similaire - 74HCT4852

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
74HCT4852-Q100 NEXPERIA-74HCT4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852BQ NEXPERIA-74HCT4852BQ Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
74HCT4852BQ-Q100 NEXPERIA-74HCT4852BQ-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852D NEXPERIA-74HCT4852D Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
More results

Description similaire - 74HCT4852

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852-Q1 TI1-SN74HC4852-Q1 Datasheet
319Kb / 18P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852 TI-SN74HC4852_08 Datasheet
531Kb / 20P
[Old version datasheet]   DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com