Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS71918-12DRVRG4 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS71918-12DRVRG4
Description  Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS71918-12DRVRG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS71918-12DRVRG4 Datasheet HTML 4Page - Texas Instruments TPS71918-12DRVRG4 Datasheet HTML 5Page - Texas Instruments TPS71918-12DRVRG4 Datasheet HTML 6Page - Texas Instruments TPS71918-12DRVRG4 Datasheet HTML 7Page - Texas Instruments TPS71918-12DRVRG4 Datasheet HTML 8Page - Texas Instruments TPS71918-12DRVRG4 Datasheet HTML 9Page - Texas Instruments TPS71918-12DRVRG4 Datasheet HTML 10Page - Texas Instruments TPS71918-12DRVRG4 Datasheet HTML 11Page - Texas Instruments TPS71918-12DRVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
80
70
60
50
40
30
20
10
0
V
(V)
IN
3.0
4.0
3.2
3.4
3.6
3.8
V
=2.80V
OUT
I
=5mA
OUT
10kHz
1kHz
100kHz
1MHz
90
80
70
60
50
40
30
20
10
0
10
100k
10M
Frequency(Hz)
1k
10k
100
1M
5mA
100mA
200mA
80
70
60
50
40
30
20
10
0
V
(V)
IN
3.0
4.0
3.2
3.4
3.6
3.8
V
=2.80V
I
=200mA
OUT
OUT
10kHz
1kHz
100kHz
1MHz
10
1
0.1
0.01
100
10k
100k
Frequency(Hz)
1k
V
=2.80V
OUT
10 s/div
m
3.3V
6.5V
1V/div
10mV/div
10mV/div
V
IN
V
OUT1
V
OUT2
=1V/ s
m
dV
IN
dt
20 s/div
m
I
OUT1
V
OUT1
V
OUT2
250mA/div
10mV/div
10mV/div
=200mA/ s
m
dI
OUT
dt
I
=3mA
OUTmin
TPS718xx
TPS719xx
SBVS088C – FEBRUARY 2007 – REVISED MAY 2008..................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater;
IOUT = 0.5mA, VEN1 = VEN2 = VIN, COUT = 1.0µF, unless otherwise noted. Typical values are at TJ = +25°C.
POWER-SUPPLY RIPPLE REJECTION vs
POWER-SUPPLY RIPPLE REJECTION vs
FREQUENCY (VIN – VOUT = 1V)
INPUT VOLTAGE
Figure 14.
Figure 15.
POWER-SUPPLY RIPPLE REJECTION vs
OUTPUT SPECTRAL NOISE DENSITY vs
INPUT VOLTAGE
FREQUENCY
Figure 16.
Figure 17.
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS718xx TPS719xx


Numéro de pièce similaire - TPS71918-12DRVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71918-12DRVRG4 TI-TPS71918-12DRVRG4 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVRG4 TI1-TPS71918-12DRVRG4 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
More results

Description similaire - TPS71918-12DRVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374_04 Datasheet
1Mb / 19P
   Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374 Datasheet
2Mb / 14P
   200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
logo
Texas Instruments
TPS718XX TI-TPS718XX Datasheet
506Kb / 15P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com