Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS63031DSKR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS63031DSKR
Description  HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS63031DSKR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS63031DSKR Datasheet HTML 2Page - Texas Instruments TPS63031DSKR Datasheet HTML 3Page - Texas Instruments TPS63031DSKR Datasheet HTML 4Page - Texas Instruments TPS63031DSKR Datasheet HTML 5Page - Texas Instruments TPS63031DSKR Datasheet HTML 6Page - Texas Instruments TPS63031DSKR Datasheet HTML 7Page - Texas Instruments TPS63031DSKR Datasheet HTML 8Page - Texas Instruments TPS63031DSKR Datasheet HTML 9Page - Texas Instruments TPS63031DSKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TYPICAL CHARACTERISTICS
0
100
200
300
400
500
600
700
800
900
1000
1100
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
5.4
V -InputVoltage-V
I
V
=2.5V
O
V
=4.5V
O
TPS63030
0
200
400
600
800
1000
1200
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
5.4
V
=3.3V
O
TPS63031
V -InputVoltage-V
I
TPS63030
TPS63031
SLVS696 – OCTOBER 2008 .............................................................................................................................................................................................. www.ti.com
TABLE OF GRAPHS
DESCRIPTION
FIGURE
Maximum output current
vs Input voltage (TPS63030, VOUT = 2.5 V / VOUT = 4.5 V)
1
vs Input voltage (TPS63031, VOUT = 3.3V)
2
Efficiency
vs Output current (TPS63030, Power Save Enabled, VOUT = 2.5 V / VOUT = 4.5 V)
3
vs Output current (TPS63030, Power Save Disabled, VOUT = 2.5V / VOUT = 4.5V)
4
vs Output current (TPS63031, Power Save Enabled, VOUT = 3.3V)
5
vs Output current (TPS63031, Power Save Disabled, VOUT = 3.3V)
6
vs Input voltage (TPS63030, Power Save Enabled, VOUT = 2.5V, IOUT = {10; 100;
7
500 mA})
vs Input voltage (TPS63030, Power Save Enabled, VOUT = 4.5V, IOUT = {10; 100;
8
500 mA})
vs Input voltage (TPS63030, Power Save Disabled, VOUT = 2.5V, IOUT = {10; 100;
9
500 mA})
vs Input voltage (TPS63030, Power Save Disabled, VOUT = 4.5V, IOUT = {10; 100;
10
500 mA})
vs Input voltage (TPS63031, Power Save Enabled, VOUT = 3.3V, IOUT = {10; 100;
11
500 mA})
vs Input voltage (TPS63031, Power Save Disabled, VOUT = 3.3V, IOUT = {10; 100;
12
500 mA})
Output voltage
vs Output current (TPS63030, VOUT = 2.5 V)
13
vs Output current (TPS63030, VOUT = 4.5 V)
14
vs Output current (TPS63031, VOUT = 3.3V)
15
Waveforms
Load transient response (TPS63031, VIN < VOUT, Load change from 40% to 60% of
16
max)
Load transient response (TPS63031, VIN > VOUT, Load change from 40% to 60% of
17
max)
Line transient response (TPS63031, VOUT = 3.3V, Iout = 300 mA)
18
Startup after enable (TPS63031, VOUT = 3.3V, VIN = 2.4V, Iout = 300mA)
19
Startup after enable (TPS63031, VOUT = 3.3V, VIN = 4.2V, Iout = 300mA)
20
MAXIMUM OUTPUT CURRENT
MAXIMUM OUTPUT CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 1.
Figure 2.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS63030 TPS63031


Numéro de pièce similaire - TPS63031DSKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63031DSKR TI-TPS63031DSKR Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63031DSKR TI1-TPS63031DSKR Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63031DSKRG4 TI-TPS63031DSKRG4 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63031DSKRG4 TI1-TPS63031DSKRG4 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results

Description similaire - TPS63031DSKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
   High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
logo
Texas Instruments
TPS63020 TI-TPS63020_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6302x High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
TPS63020-Q1 TI-TPS63020-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS63020-Q1 High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com