Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61500 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61500
Description  3A Boost Converter for High Brightness LED Driver with Multiple Dimming Methods
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61500 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS61500 Datasheet HTML 3Page - Texas Instruments TPS61500 Datasheet HTML 4Page - Texas Instruments TPS61500 Datasheet HTML 5Page - Texas Instruments TPS61500 Datasheet HTML 6Page - Texas Instruments TPS61500 Datasheet HTML 7Page - Texas Instruments TPS61500 Datasheet HTML 8Page - Texas Instruments TPS61500 Datasheet HTML 9Page - Texas Instruments TPS61500 Datasheet HTML 10Page - Texas Instruments TPS61500 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
8LEDs
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
I -OutputCurrent- A
O
V =5V
I
V =12V
I
0
0.2
0.4
0.6
0.8
1
1.2
I -OutputCurrent- A
O
50
60
70
80
90
100
4LEDs
8LEDs
10LEDs
V =5V
I
190
195
200
205
210
-40
-20
0
20
40
60
80
100
120
T -Free-AirTemperature-°C
A
3
3.5
4
4.5
5
0.2
0.4
0.6
0.8
1
DutyCycle-%
EN
5V/div
VOUT
200mV/div
AC
ILED
500mA/div
t-200ms/div
3.5
3.6
3.7
3.8
3.9
4
-40
-20
0
20
40
60
80
100
120
T -Free-AirTemperature-°C
A
TPS61500
www.ti.com ........................................................................................................................................................................................... SLVS893 – DECEMBER 2008
Efficiency
Efficiency
Figure 3.
Figure 4.
FB Voltage Accuracy
Switch Current Limit
Figure 5.
Figure 6.
Switch Current Limit
PWM Dimming
Figure 7.
Figure 8.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS61500


Numéro de pièce similaire - TPS61500

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPS615 TOSHIBA-TPS615 Datasheet
203Kb / 5P
   TOSHIBA PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
TPS615 TOSHIBA-TPS615 Datasheet
210Kb / 6P
   Silicon NPN Epitaxial Planar
TPS615 TOSHIBA-TPS615 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPS615F TOSHIBA-TPS615F Datasheet
210Kb / 6P
   Silicon NPN Epitaxial Planar
TPS615 TOSHIBA-TPS615_07 Datasheet
210Kb / 6P
   Silicon NPN Epitaxial Planar
More results

Description similaire - TPS61500

FabricantNo de pièceFiches techniqueDescription
logo
Gamma Microelectronics ...
GM9130HV GAMMA-GM9130HV Datasheet
228Kb / 9P
   3A LED Driver with Dimming Control
logo
Bruckewell Technology L...
BW9130HV BWTECH-BW9130HV Datasheet
488Kb / 5P
   BW9130HV 3A LED Driver with Dimming Control
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Texas Instruments
LM3433 TI1-LM3433_14 Datasheet
165Kb / 15P
[Old version datasheet]   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
National Semiconductor ...
LM3434 NSC-LM3434 Datasheet
369Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Texas Instruments
LM3434 TI1-LM3434 Datasheet
821Kb / 20P
[Old version datasheet]   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
National Semiconductor ...
LM3433 NSC-LM3433 Datasheet
337Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
Maxic Technology Corpor...
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
   Series Boost LED Driver with PWM Dimming Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com