Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54617RUV Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS54617RUV
Description  3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54617RUV Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS54617RUV Datasheet HTML 5Page - Texas Instruments TPS54617RUV Datasheet HTML 6Page - Texas Instruments TPS54617RUV Datasheet HTML 7Page - Texas Instruments TPS54617RUV Datasheet HTML 8Page - Texas Instruments TPS54617RUV Datasheet HTML 9Page - Texas Instruments TPS54617RUV Datasheet HTML 10Page - Texas Instruments TPS54617RUV Datasheet HTML 11Page - Texas Instruments TPS54617RUV Datasheet HTML 12Page - Texas Instruments TPS54617RUV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
FEEDBACK CIRCUIT
OPERATING FREQUENCY
(
)
51000
4400
=
+
SW
T
F
R
(1)
OUTPUT FILTER
PCB LAYOUT
TPS54617
www.ti.com ........................................................................................................................................................................................... SLVS880 – NOVEMBER 2008
cause problems with some of the control and bias
signals. For these reasons, separate analog and
The values for these components are selected to
power
ground
traces
are
recommended.
There
provide fast transient response times.
should be an area of ground on the top layer directly
under the IC, with an exposed area for connection to
The resistor divider network of R1 and R2 sets the
the PowerPAD. Use vias to connect this ground area
output voltage for the circuit at 1.8 V. R1 along with
to any internal ground planes. Use additional vias at
R6,
R7,
C5,
C7,
and
C10
forms
the
loop
the ground side of the input and output filter
compensation network for the circuit. For this design,
capacitors as well. The AGND and PGND pins should
a Type-3 topology is used. The feedback loop is
be tied to the PCB ground by connecting them to the
compensated so that the closed loop crossover
ground area under the device as shown. Use a
frequency is approximately 45 kHz at 5 V input.
separate wide traces for the analog ground signal
path. This analog ground should be used for the
voltage set point divider, timing resistor RT, slow start
In the application circuit, RT is grounded through a
capacitor, and bias capacitor grounds. Connect this
27.4-k
Ω resistor to select the operating frequency of
trace the topside groud area near AGND (Pin 1).
1.6 MHz. To set a different frequency, place a 27-k
The PH pins should be tied together and routed to
to 180-k
Ω resistor between RT (pin 29) and analog
the output inductor. Since the PH connection is the
ground or leave RT floating to select the default of
switching node, the inductor should be located very
350 kHz. The switching frequency in MHz can be
close to the PH pins and the area of the PCB
approximated using the following equation:
conductor minimized to prevent excessive capacitive
coupling.
Connect the boot capacitor between the phase node
and the BOOT pin as shown. Keep the boot capacitor
close to the IC and minimize the conductor trace
lengths.
The output filter is composed of a 0.82-µH inductor
and 2 × 100-µF capacitors. The inductor is a Vishay
Connect the output filter capacitor(s) as shown
IHLM-2525CZ-01 type. The capacitors used are
between the VOUT trace and PGND. It is important to
100-µF, 6.3-V ceramic types with X5R dielectric.
keep the loop formed by the PH pins, Lout, Cout and
PGND as small as practical.
Place the compensation components from the VOUT
Figure 11 shows a generalized PCB layout guide for
trace to the VSENSE and COMP pins. Do not place
the TPS54617. The VIN pins should be connected
these components too close to the PH trace. Due to
together on the printed circuit board (PCB) and
the size of the IC package and the device pinout, the
bypassed with a low ESR ceramic bypass capacitor.
components will have to be routed somewhat close,
Care should be taken to minimize the loop area
but maintain as much separation as possible while
formed by the bypass capacitor connections, the VIN
still keeping the layout compact.
pins, and the TPS54617 ground pins. The minimum
Connect the bias capacitor from the VBIAS pin to
recommended bypass capacitance is 10 µF ceramic
analog ground using the isolated analog ground
with a X5R or X7R dielectric and the optimum
trace. If a slow-start capacitor or RT resistor is used,
placement is closest to the VIN pins and the PGND
or if the SYNC pin is used to select 350 kHz
pins.
operating frequency, connect them to this trace as
The TPS54617 has two internal grounds (analog and
well.
power). The analog ground ties to all of the
noise-sensitive signals, while the power ground ties to
the noisier power signals. Noise injected between the
two grounds can degrade the performance of the
TPS54617, particularly at higher output currents.
Ground noise on an analog ground plane can also
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS54617


Numéro de pièce similaire - TPS54617RUV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54617RUVR TI1-TPS54617RUVR Datasheet
855Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54617RUVR/2801 TI1-TPS54617RUVR/2801 Datasheet
855Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54617RUVT TI1-TPS54617RUVT Datasheet
855Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
More results

Description similaire - TPS54617RUV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54617 TI1-TPS54617_17 Datasheet
855Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54617 TI-TPS54617_15 Datasheet
794Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWPG4 TI-TPS54610PWPG4 Datasheet
976Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com