Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2036D1YZF Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPA2036D1YZF
Description  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA2036D1YZF Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPA2036D1YZF Datasheet HTML 6Page - Texas Instruments TPA2036D1YZF Datasheet HTML 7Page - Texas Instruments TPA2036D1YZF Datasheet HTML 8Page - Texas Instruments TPA2036D1YZF Datasheet HTML 9Page - Texas Instruments TPA2036D1YZF Datasheet HTML 10Page - Texas Instruments TPA2036D1YZF Datasheet HTML 11Page - Texas Instruments TPA2036D1YZF Datasheet HTML 12Page - Texas Instruments TPA2036D1YZF Datasheet HTML 13Page - Texas Instruments TPA2036D1YZF Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Input Resistors I)
Gain +
2 x 150 kW
R
I
V
V
(1)
Decoupling Capacitor S)
Input Capacitors I)
fc +
1
2p R
I
C
I
(2)
C
I +
1
2p R
I
fc
(3)
TPA2036D1
SLOS589 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
The input resistors I) set the gain of the amplifier according to Equation 1.
Resistor matching is very important in fully differential amplifiers. The balance of the output on the reference
voltage depends on matched ratios of the resistors. CMRR, PSRR, and cancellation of the second harmonic
distortion diminish if resistor mismatch occurs. Therefore, it is recommended to use 1% tolerance resistors or
better to keep the performance optimized. Matching is more important than overall tolerance. Resistor arrays with
1% matching can be used with a tolerance greater than 1%.
Place the input resistors very close to the input of TPA2036D1 to limit noise injection on the high-impedance
nodes.
For optimal performance the gain should be set to 2 V/V or lower. Lower gain allows the TPA2036D1 to operate
at its best, and keeps a high voltage at the input making the inputs less susceptible to noise.
The TPA2036D1 is a high-performance class-D audio amplifier that requires adequate power supply decoupling
to ensure the efficiency is high and total harmonic distortion (THD) is low. For higher frequency transients,
spikes, or digital hash on the line, a good low equivalent-series-resistance (ESR) ceramic capacitor, typically 1
µF (X5R or X7R dielectric), placed as close as possible (less than 1 mm) to the device V
DD lead works best.
Placing this decoupling capacitor close to the TPA2036D1 is very important for the efficiency of the class-D
amplifier, because any resistance or inductance in the trace between the device and the capacitor can cause a
loss in efficiency. For filtering lower-frequency noise signals, a 10
µF or greater capacitor placed near the audio
power amplifier would also help, but it is not required in most applications because of the high PSRR of this
device.
The TPA2036D1 does not require input coupling capacitors if the design uses a differential source that is biased
from 0.5 V to VDD –0.8 V (shown in Figure 27). If the input signal is not biased within the recommended
common-mode input range, if needing to use the input as a high pass filter (shown in Figure 28), or if using a
single-ended source (shown in Figure 29), input coupling capacitors are required.
The input capacitors and input resistors form a high-pass filter with the corner frequency, fc, determined in
Equation 2.
The value of the input capacitor is important to consider as it directly affects the bass (low frequency)
performance of the circuit. Speakers in wireless phones cannot usually respond well to low frequencies, so the
corner frequency can be set to block low frequencies in this application.
Equation 3 is reconfigured to solve for the input coupling capacitance.
If the corner frequency is within the audio band, the capacitors should have a tolerance of ±10% or better,
because any mismatch in capacitance causes an impedance mismatch at the corner frequency and below.
For a flat low-frequency response, use large input coupling capacitors (1
µF). In a GSM phone application, there
is a possibility of the 217 Hz "camping" signal being summed into the audio signal. This signal can be minimized
by reducing the RF impedance of the power supply connection through good grounding technique and
decoupling. Keeping the inputs trace length of TPA2036D1 balanced will also minimize the GSM noise both in
the RF and audio domain.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2036D1


Numéro de pièce similaire - TPA2036D1YZF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2036D1YZF TI1-TPA2036D1YZF Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1YZFR TI1-TPA2036D1YZFR Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1YZFT TI1-TPA2036D1YZFT Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
More results

Description similaire - TPA2036D1YZF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2036D1 TI1-TPA2036D1_15 Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1 TI1-TPA2036D1_11 Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
   Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
   2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com