Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE8052Z-EMUL1 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADE8052Z-EMUL1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-EMUL1 Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADE8052Z-EMUL1 Datasheet HTML 3Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 4Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 5Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 6Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 7Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 8Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 9Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 10Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 7 of 148
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LCD, RESISTOR LADDER ACTIVE
Leakage Current
±20
nA
1/2 and 1/3 bias modes, no load
V1 Segment Line Voltage
LCDVA − 0.1
LCDVA
V
Current on segment line = −2 μA
V2 Segment Line Voltage
LCDVB − 0.1
LCDVB
V
Current on segment line = −2 μA
V3 Segment Line Voltage
LCDVC − 0.1
LCDVC
V
Current on segment line = −2 μA
ON-CHIP REFERENCE
Nominal 1.2035 V
Reference Error
−2.2
+2.2
mV
TA = 25°C, Fcore = 1.024 MHz
Power Supply Rejection
80
dB
Temperature Coefficient1
10
50
ppm/°C
Fcore = 1.024 MHz
1 These specifications are not production tested but are guaranteed by design and/or characterization data on production release.
2 Delay between ADC conversion request and interrupt set.
DIGITAL INTERFACE
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS1
All Inputs Except XTAL1, XTAL2, BCTRL, INT0,
INT1, RESET
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.8
V
BCTRL, INT0, INT1, RESET
Input High Voltage, VINH
1.3
V
Input Low Voltage, VINL
0.8
V
Input Currents
RESET
100
nA
RESET = VSWOUT = 3.3 V
Port 0, Port 1, Port 2
±100
nA
Internal pull-up disabled, input = 0 V or
VSWOUT
−3.75
−8.5
μA
Internal pull-up enabled, input = 0 V,
VSWOUT = 3.3 V
Input Capacitance
10
pF
All digital inputs
FLASH MEMORY
Endurance2
20,000
Cycles
Data Retention3
20
Years
TJ = 85°C
CRYSTAL OSCILLATOR4
Crystal Equivalent Series Resistance
30
50
Crystal Frequency
32
32.768
33.5
kHz
XTAL1 Input Capacitance
12
pF
XTAL2 Output Capacitance
12
pF
MCU CLOCK RATE (fCORE)
4.096
MHz
Crystal = 32.768 kHz and CD[2:0] = 0
32
kHz
Crystal = 32.768 kHz and CD[2:0] = 0b111
LOGIC OUTPUTS
Output High Voltage, VOH
2.4
V
VDD = 3.3 V ± 5%
ISOURCE
80
μA
Output Low Voltage, VOL5
0.4
V
VDD = 3.3 V ± 5%
ISINK
2
mA
START-UP TIME6
PSM0 Power-On Time
880
ms
VDD at 2.75 V to PSM0 code execution
From Power Saving Mode 1 (PSM1)
PSM1 to PSM0
130
ms
VDD at 2.75 V to PSM0 code execution
From Power Saving Mode 2 (PSM2)
PSM2 to PSM1
48
ms
Wake-up event to PSM1 code execution
PSM2 to PSM0
186
ms
VDD at 2.75 V to PSM0 code execution


Numéro de pièce similaire - ADE8052Z-EMUL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADE8052Z-EMUL1 AD-ADE8052Z-EMUL1 Datasheet
2Mb / 144P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE8052Z-EMUL1 AD-ADE8052Z-EMUL1 Datasheet
2Mb / 156P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
More results

Description similaire - ADE8052Z-EMUL1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADE7169F16 AD-ADE7169F16 Datasheet
1Mb / 140P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
Rev. PrD 09/06
ADE5166 AD-ADE5166_09 Datasheet
2Mb / 156P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7116 AD-ADE7116_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7169 AD-ADE7169_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE7156 AD-ADE7156_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7166 AD-ADE7166_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7566 AD-ADE7566_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7569 AD-ADE7569_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE5166 AD-ADE5166 Datasheet
1Mb / 148P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com