Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9239-250KITZ Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD9239-250KITZ
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9239-250KITZ Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD9239-250KITZ Datasheet HTML 2Page - Analog Devices AD9239-250KITZ Datasheet HTML 3Page - Analog Devices AD9239-250KITZ Datasheet HTML 4Page - Analog Devices AD9239-250KITZ Datasheet HTML 5Page - Analog Devices AD9239-250KITZ Datasheet HTML 6Page - Analog Devices AD9239-250KITZ Datasheet HTML 7Page - Analog Devices AD9239-250KITZ Datasheet HTML 8Page - Analog Devices AD9239-250KITZ Datasheet HTML 9Page - Analog Devices AD9239-250KITZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD9239
Rev. 0 | Page 6 of
40
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, 1.25 V p-p differential input, AIN = –1.0 dBFS, DCS enabled, unless
otherwise noted.
Table 4.
AD9239BCPZ-170
AD9239BCPZ-210
AD9239BCPZ-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK
Clock Rate
Full
170
100
210
100
250
100
MSPS
Clock Pulse Width High (tEH)
Full
2.65
2.9
2.15
2.4
1.8
2.0
ns
Clock Pulse Width Low (tEL)
Full
2.65
2.9
2.15
2.4
1.8
2.0
ns
DATA OUTPUT PARAMETERS
Data Output Period or UI
(DOUT + x, DOUT − x)
Full
1/(16 × fCLK)
1/(16 × fCLK)
1/(16 × fCLK)
sec
Data Output Duty Cycle
25°C
50
50
50
%
Data Valid Time
25°C
0.8
0.8
0.8
UI
PLL Lock Time (tLOCK)
25°C
4
4
4
μs
Wake-Up Time (Standby)
25°C
250
250
250
ns
Wake-Up Time (Power-Down)2
25°C
50
50
50
μs
Pipeline Latency
Full
40
40
40
CLK cycles
Data Rate per Channel (NRZ)
25°C
2.72
3.36
4.0
Gbps
Deterministic Jitter
25°C
10
10
10
ps max
Random Jitter
25°C
6
6
6
ps rms
Channel-to-Channel Bit Skew
25°C
0
0
0
sec
Channel-to-Channel Packet Skew3
25°C
+1
+1
+1
CLK cycles
Output Rise/Fall Time
25°C
50
50
50
ps
TERMINATION CHARACTERISTICS
Differential Termination Resistance
25°C
100
100
100
Ω
APERTURE
Aperture Delay (tA)
25°C
1.2
1.2
1.2
ns
Aperture Uncertainty (Jitter)
25°C
0.2
0.2
0.2
ps rms
OUT-OF-RANGE RECOVERY TIME
25°C
1
1
1
CLK cycles
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and details on how these tests were completed.
2 Receiver dependent.
3 See the
section.
Digital Start-Up Sequence


Numéro de pièce similaire - AD9239-250KITZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9239-250KITZ AD-AD9239-250KITZ Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
More results

Description similaire - AD9239-250KITZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
   Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com