Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8295ACPZ-RL Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8295ACPZ-RL
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8295ACPZ-RL Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8295ACPZ-RL Datasheet HTML 3Page - Analog Devices AD8295ACPZ-RL Datasheet HTML 4Page - Analog Devices AD8295ACPZ-RL Datasheet HTML 5Page - Analog Devices AD8295ACPZ-RL Datasheet HTML 6Page - Analog Devices AD8295ACPZ-RL Datasheet HTML 7Page - Analog Devices AD8295ACPZ-RL Datasheet HTML 8Page - Analog Devices AD8295ACPZ-RL Datasheet HTML 9Page - Analog Devices AD8295ACPZ-RL Datasheet HTML 10Page - Analog Devices AD8295ACPZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD8295
Rev. 0 | Page 7 of
28
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Supply Voltage
±18 V
Output Short-Circuit Current
Indefinite
Input Voltage
Common-Mode
±VS
Differential
±VS
Storage Temperature Range
−65°C to +130°C
Operating Temperature Range1
−40°C to +125°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
130°C
ESD (Human Body Model)
2000 V
ESD (Charge Device Model)
500 V
ESD (Machine Model)
200 V
1 Temperature range for specified performance is −40°C to +85°C. See the
Typical Performance Characteristics section for expected operation from
85°C to 125°C.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Specifications are provided for a device in free air.
Table 7.
Package
θJA
Unit
16-Lead LFCSP_VQ
86
°C/W
ESD CAUTION


Numéro de pièce similaire - AD8295ACPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8295 AD-AD8295 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8295 AD-AD8295 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8295 AD-AD8295 Datasheet
529Kb / 28P
   Wide Supply Range, Micropower,
REV. 0
AD8295 AD-AD8295 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
AD8295 AD-AD8295 Datasheet
361Kb / 20P
   Low Noise, Low Gain Drift, G = 2000
REV. A
More results

Description similaire - AD8295ACPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com