Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5647RBRMZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD5647RBRMZ
Description  Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5647RBRMZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD5647RBRMZ Datasheet HTML 3Page - Analog Devices AD5647RBRMZ Datasheet HTML 4Page - Analog Devices AD5647RBRMZ Datasheet HTML 5Page - Analog Devices AD5647RBRMZ Datasheet HTML 6Page - Analog Devices AD5647RBRMZ Datasheet HTML 7Page - Analog Devices AD5647RBRMZ Datasheet HTML 8Page - Analog Devices AD5647RBRMZ Datasheet HTML 9Page - Analog Devices AD5647RBRMZ Datasheet HTML 10Page - Analog Devices AD5647RBRMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0 | Page 7 of 32
Parameter
Conditions2
Min
Max
Unit
Description
t12
Standard mode
300
ns
tFCL, fall time of SCL signal
Fast mode
300
ns
High speed mode, CB = 100 pF
10
40
ns
High speed mode, CB = 400 pF
20
80
ns
t13
Standard mode
10
ns
LDAC pulse width low
Fast mode
10
ns
High speed mode
10
ns
t14
Standard mode
300
ns
Falling edge of 9th SCL clock pulse of last byte of valid write to LDAC
falling edge
Fast mode
300
ns
High speed mode
30
ns
t15
Standard mode
20
ns
CLR pulse width low
Fast mode
20
ns
High speed mode
20
ns
tSP4
Fast mode
0
50
ns
Pulse width of spike suppressed
High speed mode
0
10
ns
1 See Figure 3. High speed mode timing specification applies only to the AD5627RBRMZ-2/AD5627BRMZ-2REEL7 and AD5667RBRMZ-2/AD5667BRMZ-2REEL7.
2 CB refers to the capacitance on the bus line.
3 The SDA and SCL timing is measured with the input filters enabled. Switching off the input filters improves the transfer rate but has a negative effect on EMC behavior
of the part.
4 Input filtering on the SCL and SDA inputs suppresses noise spikes that are less than 50 ns for fast mode or 10 ns for high speed mode.
SCL
SDA
PS
S
P
t8
t6
t5
t3
t10
t9
t4
t6
t1
t2
t11
t12
t14
CLR
t13
t15
LDAC*
t7
*ASYNCHRONOUS LDAC UPDATE MODE.
Figure 3. 2-Wire Serial Interface Timing Diagram


Numéro de pièce similaire - AD5647RBRMZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5647RBRMZ AD-AD5647RBRMZ Datasheet
777Kb / 30P
   Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
Rev. PrA
AD5647RBRMZ-REEL7 AD-AD5647RBRMZ-REEL7 Datasheet
777Kb / 30P
   Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
Rev. PrA
More results

Description similaire - AD5647RBRMZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5667R AD-AD5667R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5627 AD-AD5627_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5647R AD-AD5647R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5627R AD-AD5627R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5667 AD-AD5667_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com