Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5045 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD5045
Description  Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5045 Fiches technique(HTML) 5 Page - Analog Devices

  AD5045 Datasheet HTML 1Page - Analog Devices AD5045 Datasheet HTML 2Page - Analog Devices AD5045 Datasheet HTML 3Page - Analog Devices AD5045 Datasheet HTML 4Page - Analog Devices AD5045 Datasheet HTML 5Page - Analog Devices AD5045 Datasheet HTML 6Page - Analog Devices AD5045 Datasheet HTML 7Page - Analog Devices AD5045 Datasheet HTML 8Page - Analog Devices AD5045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD5025/AD5045/AD5065
Rev. 0 | Page 5 of 28
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 3 and
Figure 4. VDD = 4.5 V to 5.5 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
SCLK Cycle Time
t11
20
ns
SCLK High Time
t2
10
ns
SCLK Low Time
t3
10
ns
SYNC to SCLK Falling Edge Setup Time
t4
16.5
ns
Data Setup Time
t5
5
ns
Data Hold Time
t6
5
ns
SCLK Falling Edge to SYNC Rising Edge
t7
0
30
ns
Minimum SYNC High Time (Single Channel Update)
t8
2
μs
Minimum SYNC High Time (All Channel Update)
t8
4
μs
SYNC Rising Edge to SCLK Fall Ignore
t9
17
ns
LDAC Pulse Width Low
t10
20
ns
SCLK Falling Edge to LDAC Rising Edge
t11
20
ns
CLR Pulse Width Low
t12
10
ns
SCLK Falling Edge to LDAC Falling Edge
t13
10
ns
CLR Pulse Activation Time
t14
10.6
μs
SCLK Rising Edge to SDO Valid
t152, 3
22
ns
SCLK Falling Edge to SYNC Rising Edge
t162
5
30
ns
SYNC Rising Edge to SCLK Rising Edge
t172
8
ns
SYNC Rising Edge to LDAC/CLR/PDL Falling Edge (Single Channel Update)
t182
2
μs
SYNC Rising Edge to LDAC/CLR/PDL Falling Edge (All Channel Update)
t182
4
μs
PDL Minimum Pulse Width
t19
20
ns
1 Maximum SCLK frequency is 50 MHz at VDD = 4.5 V to 5.5 V. Guaranteed by design and characterization; not production tested.
2 Daisy-chain mode only.
3 Measured with the load circuit of Figure 2. t15 determines the maximum SCLK frequency in daisy-chain mode.
Circuit and Timing Diagrams
2mA
IOL
2mA
IOH
VOH (MIN) + VOL (MAX)
2
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Output (SDO) Timing Specifications


Numéro de pièce similaire - AD5045

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5045 AD-AD5045 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5045 AD-AD5045 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5045 AD-AD5045 Datasheet
1Mb / 25P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface
AD5045BRUZ AD-AD5045BRUZ Datasheet
1Mb / 33P
   Fully Accurate 12-/14-/16-Bit VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
AD5045BRUZ AD-AD5045BRUZ Datasheet
1Mb / 25P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface
More results

Description similaire - AD5045

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5065 AD-AD5065_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5045 AD-AD5045_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5025 AD-AD5025 Datasheet
1Mb / 33P
   Fully Accurate 12-/14-/16-Bit VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com