Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5100YRQZ-RL7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5100YRQZ-RL7
Description  System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5100YRQZ-RL7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5100YRQZ-RL7 Datasheet HTML 6Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 7Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 8Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 9Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 10Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 11Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 12Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 13Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD5100
Rev. 0 | Page 10 of 36
ONE-TIME PROGRAMMABLE (OTP) OPTIONS
All values are typical ratings; see Table 2 for tolerances.
Table 6. Available Programmable Thresholds at TA = 25°C
V1MON OV Threshold
V1MON UV Threshold
V2MON On Threshold
V2MON Off Threshold
V3MON Threshold
V4MON Threshold
7.92 V
6.00 V
3.00 V
3.00 V
2.32 V
1.67 V
9.00 V
6.49 V
3.5 V
3.5 V
2.64 V
2.31 V
9.90 V
6.95 V
4.00 V
4.00 V
2.93 V1
3.05 V
11.00 V
7.47 V
4.77 V
4.77 V
3.10 V
4.62 V
12.00 V
7.92 V
6.00 V
6.00 V
4.36 V
6.51 V
13.20 V
8.43 V1
6.49 V
6.49 V
4.65 V
7.16 V
14.14 V
9.00 V
6.95 V
6.95 V1
4.75 V
7.54 V1
15.23 V
9.43 V
7.47 V1
7.47 V
4.97 V
7.96 V
15.84 V
9.90 V
7.92 V
7.92 V
Reserved
Reserved
17.22 V
10.42 V
8.43 V
8.43 V
Reserved
Reserved
18.00 V1
11.00 V
9.00 V
9.00 V
Reserved
Reserved
18.86 V
11.65 V
9.43 V
9.43 V
Reserved
Reserved
19.80 V
12.00 V
9.90 V
9.90 V
Reserved
Reserved
22.00 V
12.38 V
15.23 V
15.23 V
Reserved
Reserved
24.75 V
13.20 V
19.80 V
19.80 V
Reserved
Reserved
28.29 V
13.66 V
24.75 V
Rising edge triggered
wake-up mode
Reserved
Reserved
1 Default. V1MON_OV must be > V1MON_UV. V2MON_OFF is ignored if > V2MON_ON but V2MON_OFF cannot be = V2MON_ON.
Table 7. Look-Up Table of Programming Code vs. Typical Thresholds Shown in Table 6
Code
V1MON OV
Threshold
V1MON UV
Threshold
V2MON On
Threshold
V2MON Off Threshold
V3MON Threshold
V4MON Threshold
0000
18.00 V1
8.43 V1
7.47 V 1
6.95 V1
2.93 V1
7.54 V1
0001
18.86 V
7.92 V
6.95 V
7.47 V
4.65 V
1.67 V
0010
15.84 V
9.43 V
6.49 V
6.00 V
4.75 V
2.31 V
0011
17.22 V
9.00 V
6.00 V
6.49 V
4.97 V
3.05 V
0100
24.75 V
6.49 V
4.77 V
4.00 V
2.32 V
4.62 V
0101
28.29 V
6.00 V
4.00 V
4.77 V
2.64 V
6.51 V
0110
19.80 V
7.47 V
3.50 V
3.00 V
4.36 V
7.16 V
0111
22.00 V
6.95 V
3.00 V
3.50 V
3.10 V
7.96 V
1000
9.90 V
12.38 V
24.75 V
19.80 V
Reserved
Reserved
1001
11.00 V
12.00 V
19.80 V
Rising edge triggered
wake-up mode
Reserved
Reserved
1010
7.92 V
13.66 V
15.23 V
9.90 V
Reserved
Reserved
1011
9.00 V
13.20 V
9.90 V
15.23 V
Reserved
Reserved
1100
14.14 V
10.42 V
9.43 V
9.00 V
Reserved
Reserved
1101
15.23 V
9.90 V
9.00 V
9.43 V
Reserved
Reserved
1110
12.00 V
11.65 V
8.43 V
7.92 V
Reserved
Reserved
1111
13.20 V
11.00 V
7.92 V
8.43 V
Reserved
Reserved
1 Default.


Numéro de pièce similaire - AD5100YRQZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
More results

Description similaire - AD5100YRQZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
   System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com