Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5100YRQZ-RL7 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD5100YRQZ-RL7
Description  System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5100YRQZ-RL7 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD5100YRQZ-RL7 Datasheet HTML 4Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 5Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 6Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 7Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 8Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 9Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 10Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 11Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD5100
Rev. 0 | Page 8 of 36
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
V1MON to GND
−0.3 V, +33 V
V2MON to GND
−0.3 V, +33 V
V3MON to GND
−0.3 V, +7 V
V4MON to GND
−0.3 V, +33 V
VOTP to GND
−0.3 V, +7 V
Digital Input Voltage to GND
(MR, WDI, SCL, SDA, AD0)
0 V, +7 V
Digital Output Voltage to GND
(RESET, V4OUT, SHDNWARN)
0 V, +7 V
Digital Output Voltage to GND (SHDN)
0 V, +33 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
ESD Rating (HBM)
3.5 kV
Maximum Junction Temperature (TJmax)
150°C
Power Dissipation1
(TJmax − TA2)/θJA
Thermal Impedance3
θJA Junction-to-Ambient
105.44°C/W
θJC Junction-to-Case
38.8°C/W
IR Reflow Soldering (RoHS-Compliant Package)
Peak Temperature
260°C (+0°C)
Time at Peak Temperature
20 sec to 40 sec
Ramp-Up Rate
3°C/sec max
Ramp-Down Rate
−6°C/sec max
Time from 25°C to Peak Temperature
8 minutes max
1 Values relate to the package being used on a 4-layer board.
2 TA = ambient temperature.
3 Junction-to-case resistance is applicable to components featuring a
preferential flow direction, for example, components mounted on a
heat sink. Junction-to-ambient resistance is more useful for air-cooled
PCB-mounted components.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Numéro de pièce similaire - AD5100YRQZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
More results

Description similaire - AD5100YRQZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
   System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com