Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5100YRQZ-RL7 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD5100YRQZ-RL7
Description  System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5100YRQZ-RL7 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD5100YRQZ-RL7 Datasheet HTML 2Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 3Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 4Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 5Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 6Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 7Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 8Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 9Page - Analog Devices AD5100YRQZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD5100
Rev. 0 | Page 6 of 36
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
MR (MANUAL RESET) INPUT
MR Input Voltage Low
VIL_MR
0.3 × V3MON
V
MR Input Voltage High
VIH_MR
0.7 × V3MON
V
Input Current
1
μA
MR Pulse Width
tMR
1
μs
MR Deglitching
tMR_GLITCH
100
ns
MR-to-RESET Delay
tMR_DELAY
1
μs
MR Pull-Up Resistance (Internal to V3MON)
50
60
75
RESET Hold Time Tolerance
(see
and
)
Figure 12
Table 8
ΔtRS_HOLD
TA = 25°C; does not apply to
Code 0x6 and Code 0x7
−10
+10
%
TA = −40°C to +125°C; does
not apply to Code 0x06 and
Code 0x7
−17
+17
%
SERIAL INTERFACES
Input Logic High (SCL, SDA)6
VIH
External RPULL-UP = 2.2 kΩ
2.0
5.5
V
Input Logic Low (SCL, SDA)
VIL
External RPULL-UP = 2.2 kΩ
0
0.8
V
Output Logic High (SDA)
VOH
VRAIL = 2 V to 5.5 V
0.7 × VRAIL
V
Output Logic Low (SDA)
VOL
IOL = 3 mA
0
0.4
V
Input Current
VIN = 0 V to 5.5 V
1
μA
Input Capacitance
CI
5
pF
POWER SUPPLY
Supply Voltage Range
V1MON
6.0
30
V
Sleep Mode Supply Current
ISLEEP_V1MON
V2MON = 0 V
5
μA
Active Mode Supply Current
IPOWER_V1MON
V2MON = 12 V
2
mA
V2MON edge triggered mode
selected
2
mA
Device Power-On Threshold
V2MON, IH
2.2
V
V2MON, IL
0.4
V
Device Power-Up V2MON, Minimum Pulse Width
tV2MON_PW
4
ms
Device Power-Down Delay
TVREG_OFF_DELAY
V2MON < 0.4 V (normal mode)
2
sec
I2C-initiated power-down
10
μs
OTP Supply Voltage7
VOTP
For OTP only
5.5
V
OTP Supply Current8
IVOTP
For OTP only
84
mA
OTP Settling Time9
tS_OTP
12
ms
1 Represent typical values at 25°C, V1MON = 12 V, and V2MON = 12 V.
2 Initial V2MON turn-on minimum remains as 2.2 V but the 3 V to 30 V specifications apply afterward.
3 Does not apply if V2MON is a digital signal.
4 V4MON threshold limits (see Table 6) are designed to primarily allow V4MON to monitor low voltage inputs. The V4MON input pin is capable of withstanding voltages up to
30 V. One application where this 30 V capability is useful is electronic media-oriented systems transport (eMOST) diagnostic circuits.
5 The RESET short-circuit current is the maximum pull-up current when RESET is driven low by a microprocessor bidirectional reset pin.
6 It is typical for the SCL and SDA to have resistors pulled up to V3MON. However, care must be taken to ensure that the minimum VIH is met when the SCL and SDA are
driven directly from a low voltage logic controller without pull-up resistors.
7 VOTP can be furnished by an external 5.5 V power supply, rather than an on-board power supply, when performing factory programming. A 10 μF tantalum capacitor is
required on VOTP during operation regardless of whether the OTP fuses are programmed.
8 The OTP supply source must be capable of supplying a minimum of 100 mA because some AD5100 parts require a current slightly greater than the typical value
of 84 mA.
9 The OTP settling time occurs only once if the OTP function is used.


Numéro de pièce similaire - AD5100YRQZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
More results

Description similaire - AD5100YRQZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
   System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com