Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5100 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5100
Description  System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5100 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5100_08 Datasheet HTML 7Page - Analog Devices AD5100_08 Datasheet HTML 8Page - Analog Devices AD5100_08 Datasheet HTML 9Page - Analog Devices AD5100_08 Datasheet HTML 10Page - Analog Devices AD5100_08 Datasheet HTML 11Page - Analog Devices AD5100_08 Datasheet HTML 12Page - Analog Devices AD5100_08 Datasheet HTML 13Page - Analog Devices AD5100_08 Datasheet HTML 14Page - Analog Devices AD5100_08 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD5100
Rev. 0 | Page 11 of 36
Table 8. Available Programmable Hold Time and Delay
t1SD_HOLD
t1SD_DELAY
t2SD_HOLD
t2SD_DELAY
tRS_HOLD
tWD
0.07 ms
0.07 ms
0.07 ms
0.07 ms
0.1 ms
100 ms
20 ms
50 ms
10 ms1
50 ms
1 ms
250 ms
40 ms
100 ms
20 ms
100 ms1
15 ms
500 ms
60 ms
200 ms
30 ms
200 ms
30 ms
750 ms
80 ms
400 ms
40 ms
400 ms
50 ms
1000 ms
100 ms
800 ms
50 ms
800 ms
100 ms
1250 ms
150 ms
1000 ms
100 ms
1000 ms
150 ms
1500 ms1
200 ms1
1200 ms1
200 ms
1200 ms
200 ms1
2000 ms
1 Default.
Table 9. Look-Up Table of Programming Code vs. Typical Timings Shown in Table 8
Code
t1SD_HOLD
t1SD_DELAY
t2SD_HOLD
t2SD_DELAY
tRS_HOLD
tWD
000
200 ms1
1200 ms1
10 ms1
100 ms1
200 ms1
1500 ms1
001
150 ms
1000 ms
20 ms
50 ms
150 ms
2000 ms
010
100 ms
800 ms
30 ms
200 ms
100 ms
1250 ms
011
80 ms
400 ms
40 ms
400 ms
50 ms
1000 ms
100
60 ms
200 ms
50 ms
800 ms
30 ms
750 ms
101
40 ms
100 ms
100 ms
1000 ms
15 ms
500 ms
110
20 ms
50 ms
200 ms
1200 ms
1 ms
250 ms
111
0.07 ms
0.07 ms
0.07 ms
0.07 ms
0.1 ms
100 ms
1 Default.


Numéro de pièce similaire - AD5100_08

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100EVAL AD-AD5100EVAL Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ AD-AD5100YRQZ Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
   System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
More results

Description similaire - AD5100_08

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
   System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com