Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5100 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD5100
Description  System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5100 Fiches technique(HTML) 5 Page - Analog Devices

  AD5100_08 Datasheet HTML 1Page - Analog Devices AD5100_08 Datasheet HTML 2Page - Analog Devices AD5100_08 Datasheet HTML 3Page - Analog Devices AD5100_08 Datasheet HTML 4Page - Analog Devices AD5100_08 Datasheet HTML 5Page - Analog Devices AD5100_08 Datasheet HTML 6Page - Analog Devices AD5100_08 Datasheet HTML 7Page - Analog Devices AD5100_08 Datasheet HTML 8Page - Analog Devices AD5100_08 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD5100
Rev. 0 | Page 5 of 36
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
LOW VOLTAGE MONITORING INPUTS
V3MON, V4MON
V3MON Voltage Range
V3MON
2.0
5.5
V
Input Resistance
RIN_V3MON
110
130
155
V3MON Threshold Tolerance
(See Figure 10 and Table 6)
ΔV3MON
TA = 25°C
−2.5
+2.5
%
TA = −40°C to +85°C
−2.75
+2.75
%
TA = −40°C to +125°C
−3
+3
%
V3MON Hysteresis
V3_HYSTERESIS
1.2
%
V4MON Voltage Range4
V4MON
0.9
30
V
Input Resistance
RIN_V4MON
580
665
775
V4MON Threshold Tolerance
(See Figure 12 and Table 6)
ΔV4MON
TA = 25°C
−2.5
+2.5
%
TA = −40°C to +85°C
−2.75
+2.75
%
TA = −40°C to +125°C
−3
+3
%
V4MON Hysteresis
V4_HYSTERESIS
5
%
RESET
RESET Hold Time Tolerance
(See
,
, and
)
Figure 10 Figure 12
Table 8
ΔtRS_HOLD
TA = 25°C; does not apply to
Code 0x6 and Code 0x7
−10
+10
%
TA = −40°C to +125°C; does
not apply to Code 0x6 and
Code 0x7
−17
+17
%
V3MON/V4MON-to-RESET Delay
tRS_DELAY
60
μs
RESET Output Voltage High
VOH
V3MON ≥ 4.38 V, ISOURCE = 120 μA
V3MON − 1.5
V
2.7 V < V3MON ≤ 4.38 V,
ISOURCE = 30 μA
0.8 × V3MON
V
2.3 V < V3MON ≤ 2.7 V,
ISOURCE = 20 μA
0.8 × V3MON
V
1.8 V ≤ V3MON ≤ 2.3 V,
ISOURCE = 8 μA
0.8 × V3MON
V
RESET Output Voltage Low
VOL
V3MON > 4.38 V, ISINK = 3.2 mA
0.4
V
V3MON < 4.38 V, ISINK = 1.2 mA
0.3
V
RESET Output Short-Circuit Current5
ISOURCE
RESET = 0, V3MON = 5.5 V
825
μA
RESET = 0, V3MON = 3.6 V
400
μA
Glitch Immune Time
tGLITCH
50
μs
V4OUT Maximum Output
V4OUT_MAX
Open drain
5.5
V
V4OUT Propagation Delay
tV4OUT_DELAY
70
μs
V4OUT Maximum Frequency
fV4OUT
Applies to RESET disabled
only
10
kHz
WDI (WATCHDOG INPUT)
WDI Programmable Timeout Tolerance
(see Figure 13 and Table 8)
ΔtWD
TA = 25°C
−10
+10
%
TA = −40°C to +125°C
−17
+17
%
WDI Pulse Width
tWDI
50
ns
Watchdog Initiated RESET Pulse Width
tWDR
When no WDI
tWD/50
ms
Watchdog Initiated SHDN
tWD_SHDN
When no WDI activity > 4 tWD
1
sec
WDI Input Voltage Low
VIL_WD
0.3 × V3MON
V
WDI Input Voltage High
VIH_WD
0.7 × V3MON
V
WDI Input Current
WDI = V3MON
160
μA
WDI = 0
−20
μA


Numéro de pièce similaire - AD5100_08

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100EVAL AD-AD5100EVAL Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ AD-AD5100YRQZ Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
   System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
More results

Description similaire - AD5100_08

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
   System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com