Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCC20BH12R5GT1 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce LCC20BH12R5GT1
Description  Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCC20BH12R5GT1 Fiches technique(HTML) 2 Page - Vishay Siliconix

  LCC20BH12R5GT1 Datasheet HTML 1Page - Vishay Siliconix LCC20BH12R5GT1 Datasheet HTML 2Page - Vishay Siliconix LCC20BH12R5GT1 Datasheet HTML 3Page - Vishay Siliconix LCC20BH12R5GT1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LCC, TLCC
Vishay Thin Film
Hermetic, 50 Mil Pitch, Leadless Chip Resistor
Networks
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60012
38
Revision: 31-Jul-08
Note
• Tantalum nitride film is custom, consult factory
DIMENSIONS in inches and millimeters
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
TCR:
Tracking
± 5 ppm/°C
- 55 °C to + 125 °C
Absolute
± 25 ppm/°C, ± 50 ppm/°C, ± 100 ppm/°C and ± 300 ppm/°C
- 55 °C to + 125 °C
Tolerance:
Ratio
N/a
Absolute
± 1.0 %, ± 0.5 %, ± 0.25 %, ± 0.1 %
+ 25 °C
Power Rating:
Resistor
50 mW max. (common circuits); 100 mW max. (isolated circuits)
Max. at + 70 °C
Package
500 mW
Max. at + 70 °C
Stability:
ΔR Absolute
0.1 %
2000 h at + 70 °C
ΔR Ratio
0.03 %
2000 h at + 70 °C
Voltage Coefficient
< 5 ppm/V typical
Working Voltage
100 V
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 150 °C
Noise
< - 30 dB
Thermal EMF
0.008 µV/°C
Shelf Life Stability:
Absolute
100 ppm
1 year at + 25 °C
Ratio
20 ppm
1 year at + 25 °C
ABC
D
E
F
G
H
16 Pin
0.050"
0.300"
0.300"
0.077"
0.025"
0.050"
0.040"
0.020"
(mm)
(1.27)
(7.62)
(7.62)
(1.96)
(0.635)
(1.27)
(1.02)
(0.508)
20 Pin
0.050"
0.350"
0.350"
0.077"
0.025"
0.050"
0.040"
0.020"
(mm)
(1.27)
(8.89)
(8.89)
(1.96)
(0.635)
(1.27)
(1.02)
(0.508)
24 Pin
0.050"
0.400"
0.400"
0.077"
0.025"
0.050"
0.040"
0.020"
(mm)
(1.27)
(10.16)
(10.16)
(1.96)
(0.635)
(1.27)
(1.02)
(0.508)
B
D
max.
G
typ.
A
typ.
E
typ.
H
Index
corner
F
C
Terminal #1
indicator
Terminal #1
0.008"
(0.203)
R typ.


Numéro de pièce similaire - LCC20BH12R5GT1

FabricantNo de pièceFiches techniqueDescription
logo
PANDUIT CORP.
LCC2-14BW-CUST PANDUIT-LCC2-14BW-CUST Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
LCC2-14BW-Q PANDUIT-LCC2-14BW-Q Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
logo
Shanghai Leiditech Elec...
LCC24DT3 LEIDITECH-LCC24DT3 Datasheet
129Kb / 3P
   USB 2.0 power and data line
logo
Artesyn Technologies
LCC250-12U-4P ARTESYN-LCC250-12U-4P Datasheet
959Kb / 7P
   250 Watts Convection/Conduction Mounting
LCC250-12U-4PE ARTESYN-LCC250-12U-4PE Datasheet
959Kb / 7P
   250 Watts Convection/Conduction Mounting
More results

Description similaire - LCC20BH12R5GT1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SLCC VISHAY-SLCC Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 16-Jun-08
MPH VISHAY-MPH Datasheet
106Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
Revision: 05-May-08
LCC VISHAY-LCC_17 Datasheet
122Kb / 4P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
Revision: 14-Jul-16
MPH VISHAY-MPH_17 Datasheet
93Kb / 3P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
Revision: 20-Oct-11
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
   25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com