Moteur de recherche de fiches techniques de composants électroniques |
|
K101M15X7RK5.L2 Fiches technique(PDF) 6 Page - Vishay Siliconix |
|
K101M15X7RK5.L2 Fiches technique(HTML) 6 Page - Vishay Siliconix |
6 / 9 page Mono-Kap Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc Vishay Document Number: 45171 If not in range chart or for technical questions please contact cmll@vishay.com www.vishay.com Revision: 18-Jan-06 70 MONO-KAP C0G - 200 VDC CLEAR TEXT CODE CAP (pF) RATED VOLTAGE (Vdc) LEAD SPACING 5 % TOLERANCE 10 % TOLERANCE MM (INCH-REF) 13TH DIGIT T = REEL; U = AMMO; 3 = BULK 13TH DIGIT T = REEL; U = AMMO; 3 = BULK 33 200 Vdc 2.5 mm (0.10") K330J15C0GK5.L2 K330K15C0GK5.L2 33 5.0 mm (0.20") K330J15C0GK5.H5 K330K15C0GK5.H5 39 2.5 mm (0.10") K390J15C0GK5.L2 K390K15C0GK5.L2 39 5.0 mm (0.20") K390J15C0GK5.H5 K390K15C0GK5.H5 47 2.5 mm (0.10") K470J15C0GK5.L2 K470K15C0GK5.L2 47 5.0 mm (0.20") K470J15C0GK5.H5 K470K15C0GK5.H5 56 2.5 mm (0.10") K560J15C0GK5.L2 K560K15C0GK5.L2 56 5.0 mm (0.20") K560J15C0GK5.H5 K560K15C0GK5.H5 68 2.5 mm (0.10") K680J15C0GK5.L2 K680K15C0GK5.L2 68 5.0 mm (0.20") K680J15C0GK5.H5 K680K15C0GK5.H5 82 2.5 mm (0.10") K820J15C0GK5.L2 K820K15C0GK5.L2 82 5.0 mm (0.20") K820J15C0GK5.H5 K820K15C0GK5.H5 100 2.5 mm (0.10") K101J15C0GK5.L2 K101K15C0GK5.L2 100 5.0 mm (0.20") K101J15C0GK5.H5 K101K15C0GK5.H5 120 2.5 mm (0.10") K121J15C0GK5.L2 K121K15C0GK5.L2 120 5.0 mm (0.20") K121J15C0GK5.H5 K121K15C0GK5.H5 150 2.5 mm (0.10") K151J15C0GK5.L2 K151K15C0GK5.L2 150 5.0 mm (0.20") K151J15C0GK5.H5 K151K15C0GK5.H5 180 2.5 mm (0.10") K181J15C0GK5.L2 K181K15C0GK5.L2 180 5.0 mm (0.20") K181J15C0GK5.H5 K181K15C0GK5.H5 220 2.5 mm (0.10") K221J15C0GK5.L2 K221K15C0GK5.L2 220 5.0 mm (0.20") K221J15C0GK5.H5 K221K15C0GK5.H5 270 2.5 mm (0.10") K271J15C0GK5.L2 K271K15C0GK5.L2 270 5.0 mm (0.20") K271J15C0GK5.H5 K271K15C0GK5.H5 330 2.5 mm (0.10") K331J15C0GK5.L2 K331K15C0GK5.L2 330 5.0 mm (0.20") K331J15C0GK5.H5 K331K15C0GK5.H5 390 2.5 mm (0.10") K391J15C0GK5.L2 K391K15C0GK5.L2 390 5.0 mm (0.20") K391J15C0GK5.H5 K391K15C0GK5.H5 470 2.5 mm (0.10") K471J15C0GK5.L2 K471K15C0GK5.L2 470 5.0 mm (0.20") K471J15C0GK5.H5 K471K15C0GK5.H5 560 2.5 mm (0.10") K561J15C0GK5.L2 K561K15C0GK5.L2 560 5.0 mm (0.20") K561J15C0GK5.H5 K561K15C0GK5.H5 680 2.5 mm (0.10") K681J15C0GK5.L2 K681K15C0GK5.L2 680 5.0 mm (0.20") K681J15C0GK5.H5 K681K15C0GK5.H5 820 2.5 mm (0.10") K821J15C0GK5.L2 K821K15C0GK5.L2 820 5.0 mm (0.20") K821J15C0GK5.H5 K821K15C0GK5.H5 1000 2.5 mm (0.10") K102J20C0GK5.L2 K102K20C0GK5.L2 1000 5.0 mm (0.20") K102J20C0GK5.H5 K102K20C0GK5.H5 1200 2.5 mm (0.10") K122J20C0GK5.L2 K122K20C0GK5.L2 1200 5.0 mm (0.20") K122J20C0GK5.H5 K122K20C0GK5.H5 1500 2.5 mm (0.10") K152J20C0GK5.L2 K152K20C0GK5.L2 1500 5.0 mm (0.20") K152J20C0GK5.H5 K152K20C0GK5.H5 1800 2.5 mm (0.10") K182J20C0GK5.L2 K182K20C0GK5.L2 |
Numéro de pièce similaire - K101M15X7RK5.L2 |
|
Description similaire - K101M15X7RK5.L2 |