Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A-103-K-20-C0G-F-5-TAA Fiches technique(PDF) 7 Page - Vishay Siliconix

No de pièce A-103-K-20-C0G-F-5-TAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

A-103-K-20-C0G-F-5-TAA Fiches technique(HTML) 7 Page - Vishay Siliconix

Back Button A-103-K-20-C0G-F-5-TAA Datasheet HTML 2Page - Vishay Siliconix A-103-K-20-C0G-F-5-TAA Datasheet HTML 3Page - Vishay Siliconix A-103-K-20-C0G-F-5-TAA Datasheet HTML 4Page - Vishay Siliconix A-103-K-20-C0G-F-5-TAA Datasheet HTML 5Page - Vishay Siliconix A-103-K-20-C0G-F-5-TAA Datasheet HTML 6Page - Vishay Siliconix A-103-K-20-C0G-F-5-TAA Datasheet HTML 7Page - Vishay Siliconix A-103-K-20-C0G-F-5-TAA Datasheet HTML 8Page - Vishay Siliconix A-103-K-20-C0G-F-5-TAA Datasheet HTML 9Page - Vishay Siliconix A-103-K-20-C0G-F-5-TAA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.vishay.com
If not in range chart or for technical questions please contact cmll@vishay.com
Document Number: 45164
26
Revision: 17-Jan-06
Mono-Axial
Vishay
Dipped Axial Multilayer Ceramic Capacitors
for 50 - 100 Vdc
MONO-AXIAL X7R - 100 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
10 % TOLERANCE
20 % TOLERANCE
PACKAGING
100
100 Vdc
A101K15X7RH5TAA
A101M15X7RH5TAA
REEL
100
A101K15X7RH5UAA
A101M15X7RH5UAA
AMMO
120
A121K15X7RH5TAA
A121M15X7RH5TAA
REEL
120
A121K15X7RH5UAA
A121M15X7RH5UAA
AMMO
150
A151K15X7RH5TAA
A151M15X7RH5TAA
REEL
150
A151K15X7RH5UAA
A151M15X7RH5UAA
AMMO
180
A181K15X7RH5TAA
A181M15X7RH5TAA
REEL
180
A181K15X7RH5UAA
A181M15X7RH5UAA
AMMO
220
A221K15X7RH5TAA
A221M15X7RH5TAA
REEL
220
A221K15X7RH5UAA
A221M15X7RH5UAA
AMMO
270
A271K15X7RH5TAA
A271M15X7RH5TAA
REEL
270
A271K15X7RH5UAA
A271M15X7RH5UAA
AMMO
330
A331K15X7RH5TAA
A331M15X7RH5TAA
REEL
330
A331K15X7RH5UAA
A331M15X7RH5UAA
AMMO
390
A391K15X7RH5TAA
A391M15X7RH5TAA
REEL
390
A391K15X7RH5UAA
A391M15X7RH5UAA
AMMO
470
A471K15X7RH5TAA
A471M15X7RH5TAA
REEL
470
A471K15X7RH5UAA
A471M15X7RH5UAA
AMMO
560
A561K15X7RH5TAA
A561M15X7RH5TAA
REEL
560
A561K15X7RH5UAA
A561M15X7RH5UAA
AMMO
680
A681K15X7RH5TAA
A681M15X7RH5TAA
REEL
680
A681K15X7RH5UAA
A681M15X7RH5UAA
AMMO
820
A821K15X7RH5TAA
A821M15X7RH5TAA
REEL
820
A821K15X7RH5UAA
A821M15X7RH5UAA
AMMO
1000
A102K15X7RH5TAA
A102M15X7RH5TAA
REEL
1000
A102K15X7RH5UAA
A102M15X7RH5UAA
AMMO
1200
A122K15X7RH5TAA
A122M15X7RH5TAA
REEL
1200
A122K15X7RH5UAA
A122M15X7RH5UAA
AMMO
1500
A152K15X7RH5TAA
A152M15X7RH5TAA
REEL
1500
A152K15X7RH5UAA
A152M15X7RH5UAA
AMMO
1800
A182K15X7RH5TAA
A182M15X7RH5TAA
REEL
1800
A182K15X7RH5UAA
A182M15X7RH5UAA
AMMO
2200
A222K15X7RH5TAA
A222M15X7RH5TAA
REEL
2200
A222K15X7RH5UAA
A222M15X7RH5UAA
AMMO
2700
A272K15X7RH5TAA
A272M15X7RH5TAA
REEL
2700
A272K15X7RH5UAA
A272M15X7RH5UAA
AMMO
3300
A332K15X7RH5TAA
A332M15X7RH5TAA
REEL
3300
A332K15X7RH5UAA
A332M15X7RH5UAA
AMMO
3900
A392K15X7RH5TAA
A392M15X7RH5TAA
REEL
3900
A392K15X7RH5UAA
A392M15X7RH5UAA
AMMO
4700
A472K15X7RH5TAA
A472M15X7RH5TAA
REEL
4700
A472K15X7RH5UAA
A472M15X7RH5UAA
AMMO
5600
A562K15X7RH5TAA
A562M15X7RH5TAA
REEL
5600
A562K15X7RH5UAA
A562M15X7RH5UAA
AMMO
6800
A682K15X7RH5TAA
A682M15X7RH5TAA
REEL
6800
A682K15X7RH5UAA
A682M15X7RH5UAA
AMMO
8200
A822K15X7RH5TAA
A822M15X7RH5TAA
REEL
8200
A822K15X7RH5UAA
A822M15X7RH5UAA
AMMO
10 000
A103K15X7RH5TAA
A103M15X7RH5TAA
REEL
10 000
A103K15X7RH5UAA
A103M15X7RH5UAA
AMMO
12 000
A123K15X7RH5TAA
A123M15X7RH5TAA
REEL
12 000
A123K15X7RH5UAA
A123M15X7RH5UAA
AMMO


Numéro de pièce similaire - A-103-K-20-C0G-F-5-TAA

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
A-103-K-20-C0G-K-5-TAA VISHAY-A-103-K-20-C0G-K-5-TAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-K-20-C0G-K-5-UAA VISHAY-A-103-K-20-C0G-K-5-UAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-K-20-C0G-L-5-TAA VISHAY-A-103-K-20-C0G-L-5-TAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-K-20-C0G-L-5-UAA VISHAY-A-103-K-20-C0G-L-5-UAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
More results

Description similaire - A-103-K-20-C0G-F-5-TAA

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
K103K15X7RF53H5 VISHAY-K103K15X7RF53H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
A102J15C0GF5TAA VISHAY-A102J15C0GF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
A223K15X7RF5TAA VISHAY-A223K15X7RF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES_V01 Datasheet
106Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com