Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RCR7HYA17C160 Fiches technique(PDF) 6 Page - Vectron International, Inc

No de pièce RCR7HYA17C160
Description  Temperature Compensated Crystal Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

RCR7HYA17C160 Fiches technique(HTML) 6 Page - Vectron International, Inc

  RCR7HYA17C160 Datasheet HTML 1Page - Vectron International, Inc RCR7HYA17C160 Datasheet HTML 2Page - Vectron International, Inc RCR7HYA17C160 Datasheet HTML 3Page - Vectron International, Inc RCR7HYA17C160 Datasheet HTML 4Page - Vectron International, Inc RCR7HYA17C160 Datasheet HTML 5Page - Vectron International, Inc RCR7HYA17C160 Datasheet HTML 6Page - Vectron International, Inc RCR7HYA17C160 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifying Temperature Stability:
RC/R7/HY/A17/C
A17
A = X = Temperature Range
1 = N1 = Stability Multiplier
7 = N2 = Stability Scale
XN1
N2
Temp Range
Stability Multiplier
Stability Scale
A =
0 to +50˚C
B =
0 to +70˚C
C = -20 to +70˚C
D = -40 to +85˚C
E = -55 to +85˚C
N1 = 1 to 9 and A,B & C
10 to the -N2 power
5 = 10-5 =
10 ppm
6 = 10-6 =
1 ppm
7 = 10-7 =
0.1 ppm
8 = 10-8 = 0.01 ppm
1 =
± 1.0
2 =
± 2.0
3 =
± 3.0
4 =
± 4.0
5 =
± 5.0
6 =
± 6.0
7 =
± 7.0
8 =
± 8.0
9 =
± 9.0
A =
± 1.5
B =
± 2.5
C =
± 3.5
Examples:
XN1N2
A17
B37
C57
D16
EA6
X
,
N1 x N2
0 to +50˚C,
± 1 x 10-7
0 to +70˚C,
± 3 x 10-7
-20 to +70˚C,
± 5 x 10-7
-40 to +85˚C,
± 1 x 10-6
-55 to +85˚C,
± 1.5 x 10-6
X
,
N1N2
0 to +50˚C,
± 0.1 ppm
0 to +70˚C,
± 0.3 ppm
-20 to +70˚C,
± 0.5 ppm
-40 to +85˚C,
± 1.0 ppm
-55 to +85˚C,
± 1.5 ppm
Note: Temperature stabilities listed on the website are for the best possible stability in that series. Next to
quantity, Frequency vs. Temperature is the highest cost multiplier. Please do not over specify temperature
stability as we will 100% test units to your requirements. The temperature ranges listed above are industry
standards. However, if for example your requirements were for -33 to +55˚C please let us know, by choosing
-40 to +85˚C arbitrarily you will be paying more than is required. Custom stabilities are always welcome and
recommended. We do not charge extra for custom temperature ranges or stabilities.
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
6
SATCOM / "1 ppm Forever" TCXO
=
=
=
=
=
=
=
=
=
=


Html Pages

1  2  3  4  5  6  7