Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RCR7HYA17C160 Fiches technique(PDF) 5 Page - Vectron International, Inc

No de pièce RCR7HYA17C160
Description  Temperature Compensated Crystal Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

RCR7HYA17C160 Fiches technique(HTML) 5 Page - Vectron International, Inc

  RCR7HYA17C160 Datasheet HTML 1Page - Vectron International, Inc RCR7HYA17C160 Datasheet HTML 2Page - Vectron International, Inc RCR7HYA17C160 Datasheet HTML 3Page - Vectron International, Inc RCR7HYA17C160 Datasheet HTML 4Page - Vectron International, Inc RCR7HYA17C160 Datasheet HTML 5Page - Vectron International, Inc RCR7HYA17C160 Datasheet HTML 6Page - Vectron International, Inc RCR7HYA17C160 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Output Option
AC
HC
TD
Output
ACMOS
HCMOS
10 TTL
Voh min.
+4.5 Vdc
+4.5 Vdc
+2.4 Vdc
Voh max.
+0.5 Vdc
+0.5 Vdc
+0.5 Vdc
Load (typical)
100 k ohm // 10 pF
100 k ohm // 10 pF
10 TTL
Duty Cycle
50%
± 10%
50%
± 10%
50%
± 10%
Rise and Fall
3 nS max.
5 nS max.
10 nS max.
Output Option
RG
RC
Output
Sinewave
Sinewave
Level
0 dBm to +6 dBm
+7.0 dBm to +13 dBm
Load
50 ohm
50 ohm
Harmonics / Sub
-20 dBc max.
-20 dBc max.
Other Spurious
-60 dBc max.
-60 dBc max.
R1
6k
Vdd
Standard TTL (TD)
2465B
TEK
TEK P6137
PROBE
OUT
DUT
D1
D2
D3
D4
R2
C1
.01µF
.01µF
Vdd
270
OUT
Vdd
.01µF
CL
2465B
TEK
TEK P6137
PROBE
DUT
Standard CMOS (AC & HC)
OUT
Vdd
.01µF
2465B
TEK
DUT
50
50
Ω COAX
50 Ohm Sinewave (RG & RC)
Test Loads:
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
5
SATCOM / "1 ppm Forever" TCXO
RL


Html Pages

1  2  3  4  5  6  7