Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA6430 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce TEA6430
Description  AUDIO CELLULAR MATRIX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA6430 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button TEA6430 Datasheet HTML 2Page - STMicroelectronics TEA6430 Datasheet HTML 3Page - STMicroelectronics TEA6430 Datasheet HTML 4Page - STMicroelectronics TEA6430 Datasheet HTML 5Page - STMicroelectronics TEA6430 Datasheet HTML 6Page - STMicroelectronics TEA6430 Datasheet HTML 7Page - STMicroelectronics TEA6430 Datasheet HTML 8Page - STMicroelectronics TEA6430 Datasheet HTML 9Page - STMicroelectronics TEA6430 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
0.4
0.8
2
2.4
1
0.8
0.6
0.4
0.2
0
VIN VRMS (V)
-
1.6
1.2
T
=25
°C
V= 8V
f = 1kHz
Gain = 0dB
A
CC
Figure 7 :
Distortion as a Function of
Input Level
99
95
91
83
04
8
12
16
22
FREQUENCY (kHz)
87
79
V= 8V
Gain = 0dB
V= 2 V
T= 25
°C
CC
OUT
RMS
A
Figure 9 :
Crosstalk Level as a Function of
Frequency (Gain = 0dB)
2
6
0.05
0.04
0.03
0.02
0.01
4
GAIN (dB)
0
T
=25
°C
V= 8V
f = 1kHz
A
CC
V
=1
OUT
RMS
V
Figure 8 :
Distortion as a Function of Gain
91
89
87
79
04
8
12
16
22
FREQUENCY (kHz)
83
77
85
81
V= 8V
Gain = 6dB
T= 25
°C
CC
A
Figure 10 : Crosstalk Level as a Function of
Frequency (Gain = 6dB)
TYPICAL PERFORMANCES (continued)
TEA6430
7/10


Numéro de pièce similaire - TEA6430

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TEA6414A STMICROELECTRONICS-TEA6414A Datasheet
304Kb / 9P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6415C STMICROELECTRONICS-TEA6415C Datasheet
95Kb / 10P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6415CD STMICROELECTRONICS-TEA6415CD Datasheet
95Kb / 10P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6417 STMICROELECTRONICS-TEA6417 Datasheet
283Kb / 7P
   BUS-CONTROLLED VIDEO MATRIX SWITCH
TEA6420 STMICROELECTRONICS-TEA6420 Datasheet
156Kb / 7P
   BUS-CONTROLLED AUDIO MATRIX SWITCH
More results

Description similaire - TEA6430

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TEA6425 STMICROELECTRONICS-TEA6425 Datasheet
152Kb / 9P
   VIDEO CELLULAR MATRIX
TEA6425 STMICROELECTRONICS-TEA6425_03 Datasheet
164Kb / 10P
   VIDEO CELLULAR MATRIX
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
List of Unclassifed Man...
BH7823AFVM ETC-BH7823AFVM Datasheet
52Kb / 2P
   Audio driver for cellular phones
logo
Rohm
BU7831KN ROHM-BU7831KN Datasheet
310Kb / 6P
   Audio Management for cellular phone
BU7861KN ROHM-BU7861KN Datasheet
401Kb / 6P
   Audio LSI for Cellular Phone
BU7843AGU ROHM-BU7843AGU Datasheet
405Kb / 6P
   Audio Interface for Cellular Phone
logo
STMicroelectronics
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
   AUDIO/VIDEO SWITCH MATRIX
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
   Audio/video switch matrix
TEA6422 STMICROELECTRONICS-TEA6422 Datasheet
168Kb / 10P
   BUS-CONTROLLED AUDIO MATRIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com