Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST333C08CHK2 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce ST333C08CHK2
Description  Inverter Grade Thyristors (Hockey PUK Version), 720 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST333C08CHK2 Fiches technique(HTML) 5 Page - Vishay Siliconix

  ST333C08CHK2 Datasheet HTML 1Page - Vishay Siliconix ST333C08CHK2 Datasheet HTML 2Page - Vishay Siliconix ST333C08CHK2 Datasheet HTML 3Page - Vishay Siliconix ST333C08CHK2 Datasheet HTML 4Page - Vishay Siliconix ST333C08CHK2 Datasheet HTML 5Page - Vishay Siliconix ST333C08CHK2 Datasheet HTML 6Page - Vishay Siliconix ST333C08CHK2 Datasheet HTML 7Page - Vishay Siliconix ST333C08CHK2 Datasheet HTML 8Page - Vishay Siliconix ST333C08CHK2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 93678
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 15-May-08
5
ST333C..C Series
Inverter Grade Thyristors
(Hockey PUK Version), 720 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Fig. 11 - Reverse Recovered Charge Characteristics
Fig. 12 - Reverse Recovery Current Characteristics
4500
5000
5500
6000
6500
7000
7500
8000
8500
9000
9500
10000
0
0
1
0
1
1
N um b er O f E q ua l A m p litud e H a lf C ycle C urrent Pulses (N )
At An y Rated L oad Con dition And W ith
Rated V
Applied Following Surge.
RR M
In itial T = 125°C
@ 6 0 Hz 0.008 3 s
@ 5 0 Hz 0.010 0 s
J
ST3 33C..C Series
4000
5000
6000
7000
8000
9000
10000
11000
12000
0.01
0.1
1
Puls e T rain Duration (s)
Maxim um Non Repetitive Surge Current
V er sus Pulse Train Duration. C ontrol
O f Con duction May Not Be M ain tained.
Initial T = 12 5°C
No Voltage Reapplied
Rated V
Reapplied
RR M
J
ST333C..C Series
100
10 0 0
1000 0
0.5 1 1.5 2 2. 5 3 3. 5 4 4.5 5 5.5 6 6.5
T = 25°C
J
Instan tan eous O n-s tate V oltage (V)
T = 125°C
J
ST3 33C..C Series
0.0 0 1
0.01
0.1
0.00 1
0 .0 1
0 . 1
1
1 0
Sq u a re W a v e P u ls e D ur at io n ( s)
S T33 3C ..C Se r ies
Ste a d y St a t e V a lu e
R
= 0 .0 9 K /W
(S in gle Sid e C o o le d )
R
= 0 .0 4 K /W
(D o u b le S id e C o o le d )
(D C O p e ra t io n )
th J -hs
thJ -h s
80
100
120
140
160
180
200
220
240
260
280
300
320
10
20
30
40
50
60
70
80
90 100
I
= 50 0 A
300 A
200 A
10 0 A
50 A
Rate O f Fall O f O n-state Current - di/dt (A/µs)
TM
ST333 C..C Series
T = 1 25 °C
J
20
40
60
80
100
120
140
160
180
10
20
30
40
50
6 0
70
80
90 10 0
R a te O f Fa ll O f Fo rw a rd C ur re n t - d i/ d t ( A /µ s)
I
= 5 00 A
300 A
20 0 A
100 A
50 A
TM
ST 333C ..C S e ries
T = 1 2 5 ° C
J


Numéro de pièce similaire - ST333C08CHK2

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ST333C08CHK2LP VISHAY-ST333C08CHK2LP Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
ST333C08CHK2P VISHAY-ST333C08CHK2P Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
More results

Description similaire - ST333C08CHK2

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ST333CPBF VISHAY-ST333CPBF Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 13-Sep-17
VS-ST333CC VISHAY-VS-ST333CC_V01 Datasheet
285Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
01-Jan-2022
ST333C08CFL1 VISHAY-ST333C08CFL1 Datasheet
245Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com