Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST203C12CHH1P Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce ST203C12CHH1P
Description  Inverter Grade Thyristors (Hockey PUK Version), 370 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST203C12CHH1P Fiches technique(HTML) 5 Page - Vishay Siliconix

  ST203C12CHH1P Datasheet HTML 1Page - Vishay Siliconix ST203C12CHH1P Datasheet HTML 2Page - Vishay Siliconix ST203C12CHH1P Datasheet HTML 3Page - Vishay Siliconix ST203C12CHH1P Datasheet HTML 4Page - Vishay Siliconix ST203C12CHH1P Datasheet HTML 5Page - Vishay Siliconix ST203C12CHH1P Datasheet HTML 6Page - Vishay Siliconix ST203C12CHH1P Datasheet HTML 7Page - Vishay Siliconix ST203C12CHH1P Datasheet HTML 8Page - Vishay Siliconix ST203C12CHH1P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94370
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 30-Apr-08
5
ST203CPbF Series
Inverter Grade Thyristors
(Hockey PUK Version), 370 A
Vishay High Power Products
Fig. 5 - On-State Power Loss Characteristics
Fig. 6 - On-State Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Average On-State Current (A)
0
100
200
300
400
500
600
700
800
900
1000
0
250 300 350 400 450
50
150
100
200
RMS limit
180°
120°
90°
60°
30°
Ø
Conduction angle
ST203C..C Series
T
J = 125 °C
0
200
400
600
800
1000
1200
1400
0
300
400
500
600
700
800
100
200
DC
180°
120°
90°
60°
30°
RMS limit
ST203C..C Series
T
J = 125 °C
Ø
Conduction period
Average On-State Current (A)
1
10
100
Number of Equal Amplitude Half Cycle
Current Pulses (N)
2000
2500
3000
3500
4000
5000
4500
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge
ST203C..C Series
0.01
0.1
1
Pulse Train Duration (s)
2000
2500
3000
3500
4000
4500
5000
5500
No voltage reapplied
Rated V
RRM reapplied
Maximum non-repetitive surge current
versus pulse train duration. Control of
conduction may not be maintained
Initial T
J = 125 °C
ST203C..C Series
100
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1000
10 000
Instantaneous On-State Voltage (V)
ST203C..C Series
T
J = 25 °C
T
J = 125 °C
0.01
0.1
1
10
0.001
1
Square Wave Pulse Duration (s)
0.001
0.01
0.1
ST203C..C Series
Steady state value
R
thJ-hs = 0.17 K/W
(Single side cooled)
R
thJ-hs = 0.08 K/W
(Double side cooled)
(DC operation)


Numéro de pièce similaire - ST203C12CHH1P

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results

Description similaire - ST203C12CHH1P

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ST183CPBF VISHAY-ST183CPBF Datasheet
151Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 30-Apr-08
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
VS-ST203C VISHAY-VS-ST203C Datasheet
402Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 16-Dec-13
VS-ST183C VISHAY-VS-ST183C_V01 Datasheet
225Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com