Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST103S08PFN0P Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce ST103S08PFN0P
Description  Inverter Grade Thyristors (Stud Version), 105 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST103S08PFN0P Fiches technique(HTML) 6 Page - Vishay Siliconix

  ST103S08PFN0P Datasheet HTML 1Page - Vishay Siliconix ST103S08PFN0P Datasheet HTML 2Page - Vishay Siliconix ST103S08PFN0P Datasheet HTML 3Page - Vishay Siliconix ST103S08PFN0P Datasheet HTML 4Page - Vishay Siliconix ST103S08PFN0P Datasheet HTML 5Page - Vishay Siliconix ST103S08PFN0P Datasheet HTML 6Page - Vishay Siliconix ST103S08PFN0P Datasheet HTML 7Page - Vishay Siliconix ST103S08PFN0P Datasheet HTML 8Page - Vishay Siliconix ST103S08PFN0P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94365
6
Revision: 29-Apr-08
ST103SP Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 105 A
Fig. 9 - Reverse Recovered Charge Characteristics
Fig. 10 - Reverse Recovery Current Characteristics
Fig. 11 - Frequency Characteristics
Fig. 12 - Frequency Characteristics
20
20
10
30
40
50
60
70
80
90
100
40
60
80
100
120
140
160
ST103S Series
T
J = 125 °C
dI/dt - Rate of Fall of On-State Current (A/µs)
I
TM = 500 A
I
TM = 300 A
I
TM = 200 A
I
TM = 100 A
I
TM = 50 A
10
20
30
40
50
60
70
80
90
100
110
120
dI/dt - Rate of Fall of Forward Current (A/µs)
ST103S Series
T
J = 125 °C
20
10
30
40
50
60
70
80
90
100
I
TM = 500 A
I
TM = 300 A
I
TM = 200 A
I
TM = 100 A
I
TM = 50 A
100
10
100
1000
10 000
1000
10 000
Pulse Basewidth (µs)
Snubber circuit
R
s = 22 Ω
C
s = 0.15 µF
V
D = 80 % VDRM
t
p
ST103S Series
Sinusoidal pulse
T
C = 60 °C
50 Hz
100
200
400
1000
2000
5000
10 000
100
10
100
1000
10 000
1000
10000
Pulse Basewidth (µs)
t
p
ST103S Series
Sinusoidal pulse
T
C = 85 °C
50 Hz
100
200
400
1000
2000
5000
10 000
Snubber circuit
R
s = 22 Ω
C
s = 0.15 µF
V
D = 80 % VDRM
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
Snubber circuit
R
s = 22 Ω
C
s = 0.15 µF
V
D = 80 % VDRM
ST103S Series
Trapezoidal pulse
T
C = 60 °C
dI/dt = 50 A/µs
t
p
5000
2500
1500
1000 400 200 100 50 Hz
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
Snubber circuit
R
s = 22 Ω
C
s = 0.15 µF
V
D = 80 % VDRM
ST103S Series
Trapezoidal pulse
T
C = 85 °C
dI/dt = 50 A/µs
t
p
50 Hz
100
200
400
1000
1500
2500
5000


Numéro de pièce similaire - ST103S08PFN0P

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results

Description similaire - ST103S08PFN0P

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-ST103SP VISHAY-VS-ST103SP_V01 Datasheet
179Kb / 10P
   Inverter Grade Thyristors (Stud Version), 105 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com