Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA2031A Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce TEA2031A
Description  COLOR TV EAST-WEST CORRECTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2031A Fiches technique(HTML) 6 Page - STMicroelectronics

  TEA2031A Datasheet HTML 1Page - STMicroelectronics TEA2031A Datasheet HTML 2Page - STMicroelectronics TEA2031A Datasheet HTML 3Page - STMicroelectronics TEA2031A Datasheet HTML 4Page - STMicroelectronics TEA2031A Datasheet HTML 5Page - STMicroelectronics TEA2031A Datasheet HTML 6Page - STMicroelectronics TEA2031A Datasheet HTML 7Page - STMicroelectronics TEA2031A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TEA2031A
6/11
Figure 4. PARABOLA OUTPUT
Figure 5. PARABOLA TEST DIAGRAM
t
FIGURE 1
t
FIGURE 2
t
FIGURE 3
4V
3V
2.5V
2V
1V
0
10ms
20ms
10ms
V1
V7
0
10ms
V7
V2 = V1 MEAN
= 2.5V
V7H
V7L
V7L1
V7L2
V7H
V7A
V7B
V2 = 3V
V2 ≠ V1 MEAN
V2 = 2V
65
87
12
34
VCC
TEA2031A
24V
V7
100k
V1
V2
39k
39k
22k


Numéro de pièce similaire - TEA2031A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TEA2031A STMICROELECTRONICS-TEA2031A Datasheet
95Kb / 11P
   COLOR TV EAST-WEST CORRECTION
TEA2031A STMICROELECTRONICS-TEA2031A_07 Datasheet
95Kb / 11P
   COLOR TV EAST-WEST CORRECTION
More results

Description similaire - TEA2031A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TEA2031A STMICROELECTRONICS-TEA2031A_07 Datasheet
95Kb / 11P
   COLOR TV EAST-WEST CORRECTION
TDA4950 STMICROELECTRONICS-TDA4950 Datasheet
98Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT
TDA8147 STMICROELECTRONICS-TDA8147 Datasheet
90Kb / 2P
   EAST/WEST CORRECTION FOR DIGITAL TV-SETS
June 1989
TDA8146 STMICROELECTRONICS-TDA8146 Datasheet
88Kb / 5P
   EAST/WEST CORRECTION FOR RECTANGULAR TV-TUBES
TDA8145 STMICROELECTRONICS-TDA8145 Datasheet
81Kb / 5P
   TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
TDA8145 STMICROELECTRONICS-TDA8145_04 Datasheet
134Kb / 9P
   TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
logo
TEMIC Semiconductors
TDA4951 TEMIC-TDA4951 Datasheet
63Kb / 5P
   TV East/ West Correction Circuit for Square Tubes
logo
NXP Semiconductors
TDA1082 PHILIPS-TDA1082 Datasheet
60Kb / 8P
   East-West correction driver circuit
March 1986
logo
STMicroelectronics
STV9306A STMICROELECTRONICS-STV9306A Datasheet
762Kb / 16P
   Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
STV9306 STMICROELECTRONICS-STV9306 Datasheet
89Kb / 12P
   BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com