Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP3D227 Fiches technique(PDF) 11 Page - Vishay Siliconix

No de pièce TP3D227
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3D227 Fiches technique(HTML) 11 Page - Vishay Siliconix

Back Button TP3D227 Datasheet HTML 4Page - Vishay Siliconix TP3D227 Datasheet HTML 5Page - Vishay Siliconix TP3D227 Datasheet HTML 6Page - Vishay Siliconix TP3D227 Datasheet HTML 7Page - Vishay Siliconix TP3D227 Datasheet HTML 8Page - Vishay Siliconix TP3D227 Datasheet HTML 9Page - Vishay Siliconix TP3D227 Datasheet HTML 10Page - Vishay Siliconix TP3D227 Datasheet HTML 11Page - Vishay Siliconix TP3D227 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TP3
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, High Performance
Vishay Sprague
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 04-Jun-08
63
50 VDC AT + 85 °C, 33 VDC AT + 125 °C
1.0
B
TP3B105(1)050(2)6700AS
0.5
4
6.700
0.11
1.0
B
TP3B105(1)050(2)2000AS
0.5
4
2.000
0.21
1.0
C
TP3C105(1)050(2)4600AS
0.5
4
4.600
0.16
1.0
C
TP3C105(1)050(2)1600AS
0.5
4
1.600
0.26
1.5
C
TP3C155(1)050(2)3400AS
0.8
6
3.400
0.18
1.5
C
TP3C155(1)050(2)1500AS
0.8
6
1.500
0.27
2.2
C
TP3C225(1)050(2)2900AS
1.1
6
2.900
0.20
2.2
C
TP3C225(1)050(2)1500AS
1.1
6
1.500
0.27
2.2
D
TP3D225(1)050(2)2100AS
1.1
6
2.100
0.27
2.2
D
TP3D225(1)050(2)0800AS
1.1
6
0.800
0.43
3.3
C
TP3C335(1)050(2)2500AS
1.7
6
2.500
0.21
3.3
C
TP3C335(1)050(2)1500AS
1.7
6
1.500
0.27
3.3
D
TP3D335(1)050(2)1700AS
1.7
6
1.700
0.30
3.3
D
TP3D335(1)050(2)0800AS
1.7
6
0.800
0.43
4.7
D
TP3D475(1)050(2)1200AS
2.4
6
1.200
0.37
4.7
D
TP3D475(1)050(2)0600AS
2.4
6
0.600
0.50
6.8
D
TP3D685(1)050(2)0900AS
3.4
6
0.900
0.41
6.8
D
TP3D685(1)050(2)0600AS
3.4
6
0.600
0.50
10
D
TP3D106(1)050(2)0800AS
5.0
6
0.800
0.43
10
D
TP3D106(1)050(2)0550AS
5.0
6
0.550
0.52
10
E
TP3E106(1)050(2)0800AS
5.0
6
0.800
0.45
10
E
TP3E106(1)050(2)0550AS
5.0
6
0.550
0.55
Notes
• (1) Tolerance: K, M
• (2) Terminations and Packaging: C, D, E, F
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
0.1
1.0
10.0
100.0
1000.0
“D” CASE
IMPEDANCE
ESR
68 µF, 20 VDC
470 µF, 4 VDC
1.00
0.10
0.01
FREQUENCY kHz
0.1
1.0
10.0
100.0
1000.0
1.00
0.10
0.01
FREQUENCY kHz
“D” CASE
IMPEDANCE
ESR
220 µF, 10 VDC
330 µF, 6.3 VDC


Numéro de pièce similaire - TP3D227

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TP3D227K010C0100AS VISHAY-TP3D227K010C0100AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D227K010C0125AS VISHAY-TP3D227K010C0125AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D227K010C0600AS VISHAY-TP3D227K010C0600AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D227K6R3C0100AS VISHAY-TP3D227K6R3C0100AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D227K6R3C0600AS VISHAY-TP3D227K6R3C0600AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
More results

Description similaire - TP3D227

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
793DX VISHAY-793DX Datasheet
110Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Revision: 14-May-08
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com