Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP3D157 Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce TP3D157
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3D157 Fiches technique(HTML) 6 Page - Vishay Siliconix

Back Button TP3D157 Datasheet HTML 2Page - Vishay Siliconix TP3D157 Datasheet HTML 3Page - Vishay Siliconix TP3D157 Datasheet HTML 4Page - Vishay Siliconix TP3D157 Datasheet HTML 5Page - Vishay Siliconix TP3D157 Datasheet HTML 6Page - Vishay Siliconix TP3D157 Datasheet HTML 7Page - Vishay Siliconix TP3D157 Datasheet HTML 8Page - Vishay Siliconix TP3D157 Datasheet HTML 9Page - Vishay Siliconix TP3D157 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40116
58
Revision: 04-Jun-08
TP3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, High Performance
16 VDC AT + 85 °C, 10 VDC AT + 125 °C
1.0
A
TP3A105(1)016(2)9300AS
0.5
4
9.300
0.09
1.0
A
TP3A105(1)016(2)6000AS
0.5
4
6.000
0.11
1.5
A
TP3A55(1)016A(2)6700AS
0.5
6
6.700
0.11
1.5
A
TP3A55(1)016A(2)6000AS
0.5
6
6.000
0.11
2.2
A
TP3A225(1)016(2)5900AS
0.5
6
5.900
0.11
2.2
B
TP3B225(1)016(2)4600AS
0.5
6
4.600
0.14
2.2
B
TP3B225(1)016(2)2500AS
0.5
6
2.500
0.18
3.3
A
TP3A335(1)016(2)5000AS
0.5
6
5.000
0.12
3.3
A
TP3A335(1)016(2)3500AS
0.5
6
3.500
0.15
3.3
B
TP3B335(1)016(2)3500AS
0.5
6
3.500
0.16
3.3
B
TP3B335(1)016(2)2000AS
0.5
6
2.000
0.21
4.7
A
TP3A475(1)016(2)5000AS
0.8
6
5.000
0.12
4.7
A
TP3A475(1)016(2)2500AS
0.8
6
2.500
0.17
4.7
B
TP3B475(1)016(2)2900AS
0.8
6
2.900
0.17
4.7
B
TP3B475(1)016(2)1500AS
0.8
6
1.500
0.24
6.8
A
TP3A685(1)016(2)4200AS
1.1
6
4.200
0.13
6.8
A
TP3A685(1)016(2)3000AS
1.1
6
3.000
0.16
6.8
B
TP3B685(1)016(2)2500AS
1.1
6
2.500
0.18
6.8
C
TP3C685(1)016(2)1900AS
1.1
6
1.900
0.24
6.8
C
TP3C685(1)016(2)0600AS
1.1
6
0.600
0.43
10
A
TP3A106(1)016(2)3000AS
1.6
6
3.000
0.16
10
A
TP3A106(1)016(2)1700AS
1.6
6
1.700
0.21
10
B
TP3B106(1)016(2)2000AS
1.6
6
2.000
0.21
10
B
TP3B106(1)016(2)0800AS
1.6
6
0.800
0.33
10
C
TP3C106(1)016(2)1800AS
1.6
6
1.800
0.25
10
C
TP3C106(1)016(2)0450AS
1.6
6
0.450
0.49
15
B
TP3B156(1)016(2)2000AS
2.4
6
2.000
0.21
15
B
TP3B156(1)016(2)0800AS
2.4
6
0.800
0.33
15
C
TP3C156(1)016(2)1500AS
2.4
6
1.500
0.27
15
C
TP3C156(1)016(2)0400AS
2.4
6
0.400
0.52
22
B
TP3B226(1)016(2)1900AS
3.5
6
1.900
0.21
22
B
TP3B226(1)016(2)0700AS
3.5
6
0.700
0.35
22
C
TP3C226(1)016(2)1400AS
3.5
6
1.400
0.28
22
C
TP3C226(1)016(2)0350AS
3.5
6
0.350
0.56
22
D
TP3D226(1)016(2)0800AS
3.5
6
0.800
0.43
22
D
TP3D226(1)016(2)0250AS
3.5
6
0.250
0.77
33
C
TP3C336(1)016(2)1100AS
5.3
6
1.100
0.32
33
C
TP3C336(1)016(2)0300AS
5.3
6
0.300
0.61
33
D
TP3D336(1)016(2)0700AS
5.3
6
0.700
0.46
33
D
TP3D336(1)016(2)0225AS
5.3
6
0.225
0.82
Notes
• (1) Tolerance: K, M
• (2) Terminations and Packaging: C, D, E, F
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


Numéro de pièce similaire - TP3D157

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TP3D157K010C0100AS VISHAY-TP3D157K010C0100AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D157K010C0600AS VISHAY-TP3D157K010C0600AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D157K6R3C0150AS VISHAY-TP3D157K6R3C0150AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3D157K6R3C0600AS VISHAY-TP3D157K6R3C0600AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
More results

Description similaire - TP3D157

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
793DX VISHAY-793DX Datasheet
110Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Revision: 14-May-08
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com