Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST1000C26K2 Datasheet(Fiches technique) 5 Page - Vishay Siliconix

Numéro de pièce ST1000C26K2
Description  Phase Control Thyristors (Hockey PUK Version), 1473 A
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1000C26K2 Datasheet(HTML) 5 Page - Vishay Siliconix

  ST1000C26K2 Datenblatt HTML 1Page - Vishay Siliconix ST1000C26K2 Datenblatt HTML 2Page - Vishay Siliconix ST1000C26K2 Datenblatt HTML 3Page - Vishay Siliconix ST1000C26K2 Datenblatt HTML 4Page - Vishay Siliconix ST1000C26K2 Datasheet HTML 5Page - Vishay Siliconix ST1000C26K2 Datenblatt HTML 6Page - Vishay Siliconix ST1000C26K2 Datenblatt HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93714
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
5
ST1000C..K Series
Phase Control Thyristors
(Hockey PUK Version),
1473 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Number Of Equal Amplitude Half Cycle Current Pulses (N)
6000
8000
10000
12000
14000
16000
18000
110
100
ST1000C..K Series
Initial T = 125˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Pulse Train Duration (s)
6000
8000
10000
12000
14000
16000
18000
20000
22000
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
ST1000C..K Series
Initial T = 125˚C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Instantaneous On-state Voltage (V)
100
1000
10000
0.5
1
1.5
2
2.5
33.5
4
T = 25˚C
J
ST1000C..K Series
T = 125˚C
J
Square Wave Pulse Duration (s)
0.001
0.01
0.1
0.001
0.01
0.1
1
10
100
Steady State Value
R
= 0.42 K/W
(Single Side Cooled)
R
= 0.21 K/W
(Double Side Cooled)
(DC Operation)
ST1000C..K Series
thJ-hs
thJ-hs


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn