Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM6S10A Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SM6S10A
Description  Surface Mount Automotive Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM6S10A Fiches technique(HTML) 1 Page - Vishay Siliconix

  SM6S10A Datasheet HTML 1Page - Vishay Siliconix SM6S10A Datasheet HTML 2Page - Vishay Siliconix SM6S10A Datasheet HTML 3Page - Vishay Siliconix SM6S10A Datasheet HTML 4Page - Vishay Siliconix SM6S10A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM6S10 thru SM6S36A
Vishay General Semiconductor
Document Number: 88384
Revision: 20-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Surface Mount Automotive Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
FEATURES
• Patented PAR® construction
• Available in uni-directional polarity only
• Low leakage current
• Low forward voltage drop
• High surge capability
• Meets ISO7637-2 surge spec (varied by
test condition)
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Used in sensitive electronics protection against
voltage
transients
induced
by
inductive
load
switching and lighting, especially for automotive
load dump protection application.
MECHANICAL DATA
Case: DO-218AB
Molding compound meets UL 94 V-0 flammability
rating
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
HE3 suffix meets JESD 201 class 2 whisker test
Polarity: Heatsink is anode
PRIMARY CHARACTERISTICS
VWM
10 V to 36 V
PPPM (10 x 1000 µs)
4600 W
PPPM (10 x 10000 µs)
3600 W
PD
6 W
IFSM
600 A
TJ max.
175 °C
DO-218AB
*Patent #'s:
4,980,315
5,166,769
5,278,095
Patented*
Note:
(1) Non-repetitive current pulse at TA = 25 °C
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation
with 10/1000 µs waveform
with 10/10000 µs waveform
PPPM
4600
3600
W
Power dissipation on infinite heatsink at TC = 25 °C (Fig. 1)
PD
6.0
W
Peak pulse current with 10/1000 µs waveform (1)
IPPM
See next table
A
Peak forward surge current 8.3 ms single half sine-wave
IFSM
600
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Numéro de pièce similaire - SM6S10A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SM6S10A VISHAY-SM6S10A Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
SM6S10A VISHAY-SM6S10A Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
logo
SUNMATE electronic Co.,...
SM6S10A SUNMATE-SM6S10A Datasheet
629Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR3
SM6S10A SUNMATE-SM6S10A Datasheet
629Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SM6S10A LEIDITECH-SM6S10A Datasheet
1Mb / 6P
   4600W Transient Voltage Suppressor
More results

Description similaire - SM6S10A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com