Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SD101A Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SD101A
Description  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101A Fiches technique(HTML) 2 Page - Vishay Siliconix

  SD101A_07 Datasheet HTML 1Page - Vishay Siliconix SD101A_07 Datasheet HTML 2Page - Vishay Siliconix SD101A_07 Datasheet HTML 3Page - Vishay Siliconix SD101A_07 Datasheet HTML 4Page - Vishay Siliconix SD101A_07 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85629
Rev. 1.5, 01-Mar-07
SD101A/101B/101C
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Reverse Breakdown Voltage
IR = 10 µA
SD101A
V(BR)
60
V
SD101B
V(BR)
50
V
SD101C
V(BR)
40
V
Leakage current
VR = 50 V
SD101A
IR
200
nA
VR = 40 V
SD101B
IR
200
nA
VR = 30 V
SD101C
IR
200
nA
Forward voltage drop
IF = 1 mA
SD101A
VF
410
mV
SD101B
VF
400
mV
SD101C
VF
390
mV
IF = 15 mA
SD101A
VF
1000
mV
SD101B
VF
950
mV
SD101C
VF
900
mV
Diode capacitance
VR = 0 V, f = 1 MHz
SD101A
CD
2.0
pF
SD101B
CD
2.1
pF
VR = 0 V, f = 1 MHz
SD101C
CD
2.2
pF
Figure 1. Reverse Current vs. Reverse Voltage
0.01
0.1
1
10
100
0
1015
2025
3035
4045
50
V
R - Reverse Voltage (V)
16204
T
j = 125 °C
T
j = 100 °C
T
j = 75 °C
T
j = 50 °C
T
j = 25 °C
5
Figure 2. Diode Capacitance vs. Reverse Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1015
2025
3035
4045
50
V
R - Reverse Voltage (V)
16205
T
j = 25 °C
5


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CDSV6-4448TI-G Small Signal Schottky Diodes 1  2  Comchip Technology
BAT54_06 Small signal Schottky diodes 1  2  3  4  5  More STMicroelectronics
MCL101A_06 Small Signal Schottky Diodes 1  2  3  4  5  Vishay Siliconix
LLSD103A SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES 1  2  Pan Jit International Inc.
1N5711 SMALL SIGNAL SCHOTTKY DIODES 1  2  Galaxy Semi-Conductor Holdings Limited
MCL103A Small Signal Schottky Diodes 1  2  3  4  5  Vishay Siliconix
DL60P TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY DIODES 1  Dc Components
LMSD103A SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES 1  2  Pan Jit International Inc.
SD103A SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES 1  2  Pan Jit International Inc.
MA700 SMALL SIGNAL SCHOTTKY DIODES 1  2  3  Galaxy Semi-Conductor Holdings Limited

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn