Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB330S Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SB330S
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB330S Fiches technique(HTML) 1 Page - Vishay Siliconix

  SB330S Datasheet HTML 1Page - Vishay Siliconix SB330S Datasheet HTML 2Page - Vishay Siliconix SB330S Datasheet HTML 3Page - Vishay Siliconix SB330S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Product
SB320S thru SB360S
Vishay General Semiconductor
Document Number: 88819
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Schottky Barrier Rectifier
FEATURES
• Very small conduction losses
• Extremely fast switching
• Low forward voltage drop
• High frequency operation
• 20 kV ESD capability
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage high frequency inverters,
freewheeling,
dc-to-dc
converters,
and
polarity
protection applications.
MECHANICAL DATA
Case: DO-204AC (DO-15)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
20 V to 60 V
IFSM
100 A
VF
0.50 V, 0.70 V
TJ max.
125 °C, 150 °C
DO-204AC (DO-15)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB320S
SB330S
SB340S
SB350S
SB360S
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
V
Maximum RMS voltage
VRMS
14
21
28
35
42
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
V
Maximum average forward rectified current at
0.375" (9.5 mm) lead length (Fig. 1)
IF(AV)
3.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Electrostatic discharge capacitor voltage
Human body model air discharge: C = 100 pF, R = 1.5 k
Ω
VC
20
kV
Voltage rate of change (rated VR)
dV/dt
10 000
V/µs
Operating junction temperature range
TJ
- 65 to + 125
- 65 to + 150
°C
Storage temperature range
TSTG
- 65 to + 150
°C


Numéro de pièce similaire - SB330S

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SB330S EIC-SB330S Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
SB330S EIC-SB330S Datasheet
44Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB330S VISHAY-SB330S Datasheet
72Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
SB330S VISHAY-SB330S Datasheet
72Kb / 5P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
logo
GOOD-ARK Electronics
SB330S GOOD-ARK-SB330S Datasheet
570Kb / 6P
   For High speed Rectifier
More results

Description similaire - SB330S

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com