Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF579 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BF579
Description  Silicon PNP Planar RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF579 Fiches technique(HTML) 1 Page - Vishay Siliconix

  BF579_08 Datasheet HTML 1Page - Vishay Siliconix BF579_08 Datasheet HTML 2Page - Vishay Siliconix BF579_08 Datasheet HTML 3Page - Vishay Siliconix BF579_08 Datasheet HTML 4Page - Vishay Siliconix BF579_08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BF579 / BF579R
Document Number 85001
Rev. 1.5, 05-Sep-08
Vishay Semiconductors
www.vishay.com
1
1
2
3
1
2
3
BF579
BF579R
19212
Electrostatic sensitive device.
Observe precautions for handling.
Not for new design, this product will be obsoleted soon
Silicon PNP Planar RF Transistor
Features
• High transition frequency
• Low distortion
• Lead (Pb)-free component
• Component in accordance to
RoHS 2002/95/EC and WEEE 2002/96/EC
Applications
UHF/VHF uncontrolled prestages with low noise and
low cross modulation.
Mechanical Data
Typ: BF579
Case: SOT-23 Plastic case
Weight: approx. 8.0 mg
Pinning: 1 = Collector, 2 = Base, 3 = Emitter
Typ: BF579R
Case: SOT-23 Plastic case
Weight: approx. 8.0 mg
Pinning: 1 = Collector, 2 = Base, 3 = Emitter
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
1) on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35
μm Cu
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Collector-base voltage
- VCBO
20
V
Collector-emitter voltage
- VCEO
20
V
Emitter-base voltage
- VEBO
3V
Collector current
- IC
25
mA
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
1)
RthJA
450
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector cut-off current
- VCE = 20 V, VBE = 0
- ICES
100
μA
Collector-base cut-off current
- VCB = 15 V, IE = 0
- ICBO
100
nA
Emitter-base cut-off current
- VEB = 3 V, IC = 0
- IEBO
10
μA
Collector-emitter breakdown
voltage
- IC = 1 mA, IB = 0
- V(BR)CEO
20
V
DC forward current transfer ratio - VCE = 10 V, - IC = 10 mA
hFE
20
50
90
e3


Numéro de pièce similaire - BF579_08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BF579R VISHAY-BF579R Datasheet
66Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 3, 20-Jan-99
More results

Description similaire - BF579_08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BF569 VISHAY-BF569 Datasheet
67Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 3, 20-Jan-99
BF579 VISHAY-BF579 Datasheet
66Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 3, 20-Jan-99
BF979 VISHAY-BF979_08 Datasheet
141Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 1.5, 05-Sep-08
BF970 VISHAY-BF970 Datasheet
51Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 3, 20-Jan-99
BF979 VISHAY-BF979 Datasheet
51Kb / 5P
   Silicon PNP Planar RF Transistor
Rev. 3, 20-Jan-99
logo
Continental Device Indi...
2N3635 CDIL-2N3635 Datasheet
252Kb / 4P
   PNP SILICON PLANAR RF TRANSISTORS
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com