Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BAY135 Datasheet(Fiches technique) 1 Page - Vishay Siliconix

Numéro de pièce BAY135
Description  Small Signal Switching Diode, High Voltage
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo 

   
 1 page
background image
BAY135
Document Number 85552
Rev. 1.7, 19-Feb-07
Vishay Semiconductors
www.vishay.com
1
94 9367
Small Signal Switching Diode, High Voltage
Features
• Silicon Planar Diode
• Very low reverse current
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• Protection circuits, delay circuits
Mechanical Data
Case: DO35 Glass case
Weight: approx. 125 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/10 k per 13" reel (52 mm tape), 50 k/box
TAP/10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Type Marking
Remarks
BAY135
BAY135-TR or BAY135-TAP
BAY135
Tape and Reel/Ammopack
Parameter
Test condition
Symbol
Value
Unit
Peak reverse voltage,
non repetitive
VRSM
140
V
Repetitive peak reverse voltage
VRRM
140
V
Reverse voltage
VR
125
V
Peak forward surge current
tp = 1 µs
IFSM
2A
Average forward current
f = 50 Hz
IFAV
200
mA
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
l = 4 mm, TL = constant
RthJA
350
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
e2




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
S07B_05Small Signal Fast Switching Diode High Voltage 1 2 3 4 5 MoreVishay Siliconix
BAY80_08Small Signal Switching Diode High Voltage 1 2 3 4 5 Vishay Siliconix
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
HSS83Silicon Epitaxial Planar Diode for High Voltage Switching 1 2 3 4 5 Renesas Technology Corp
1N4150W-VSmall Signal Switching Diode 1 2 3 4 Vishay Siliconix
MMBD914-VSmall Signal Switching Diode 1 2 3 4 Vishay Siliconix
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
CMPD2004SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE 1 2 Central Semiconductor Corp
BAV19WS0.2W Surface Mount Flat Lead High Voltage Switching Diode 1 2 Taiwan Semiconductor Company, Ltd
LL4150SMALL SIGNAL SWITCHING DIODE 1 2 Galaxy Semi-Conductor Holdings Limited

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl